Electronic Components Datasheet Search
  English  ▼

X  

M62384FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M62384FP
Description  8-Bit, 4-Channel, 3 to 5 V D-A Converter (Buffered)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62384FP Datasheet(HTML) 7 Page - Renesas Technology Corp

  M62384FP Datasheet HTML 1Page - Renesas Technology Corp M62384FP Datasheet HTML 2Page - Renesas Technology Corp M62384FP Datasheet HTML 3Page - Renesas Technology Corp M62384FP Datasheet HTML 4Page - Renesas Technology Corp M62384FP Datasheet HTML 5Page - Renesas Technology Corp M62384FP Datasheet HTML 6Page - Renesas Technology Corp M62384FP Datasheet HTML 7Page - Renesas Technology Corp M62384FP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
M62384FP
REJ03F0077-0200 Rev.2.00 Mar 25, 2008
Page 7 of 7
Package Dimensions
2.
1. DIMENSIONS "*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
1.42
1.12
bp
A1
HE
y
0.1
e
1.27
c
0°
8°
L
0.4
0.6
0.8
0
0.1
0.2
A
2.1
7.5
7.8
8.1
A2
1.8
E
5.2
5.3
5.4
D
10.0
10.1
10.2
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.35
0.4
0.5
0.18
0.2
0.25
P-SOP16-5.3x10.1-1.27
0.2g
MASS[Typ.]
16P2N-A
PRSP0016DE-A
RENESAS Code
JEITA Package Code
Previous Code
Detail F
A1
A2
*3
*2
1
8
9
16
F
Index mark
y
c
bp
e
D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com