Electronic Components Datasheet Search
  English  ▼

X  

SJ3445 Datasheet(PDF) 4 Page - 3M Electronics

Part # SJ3445
Description  3M??Dual Lock??Reclosable Fastener SJ3445
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SJ3445 Datasheet(HTML) 4 Page - 3M Electronics

  SJ3445 Datasheet HTML 1Page - 3M Electronics SJ3445 Datasheet HTML 2Page - 3M Electronics SJ3445 Datasheet HTML 3Page - 3M Electronics SJ3445 Datasheet HTML 4Page - 3M Electronics SJ3445 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Family Group
3M™ Dual Lock™ Reclosable Fastener SJ3445
Typical Performance Characteristics (continued)
90° Peel Adhesion
Substrate
3.2 N/cm width
1.8 lb/in width
Type 170 to 250
5.4 N/cm width
3.1 lb/in width
Type 170 to 400
8.1 N/cm width
4.1 lb/in width
Type 250 to 250
8.1 N/cm width
4.6 lb/in width
Type 250 to 400
Property: 90° Peel Adhesion
notes: Flexible from Rigid
Cycle Life
Substrate
1000
Type 170 to 250
1000
Type 170 to 400
1000
Type 250 to 250
1000
Type 250 to 400
Property: Cycle Life
notes: Number of closures before losing 50% of original strength
Design Considerations
• As a general rule, four square inches of fastener area per pound of static tensile or shear load to be supported is suggested as a starting point for evaluation. More or
less area may be needed depending on speci c conditions or end use applications. Type 250 Dual Lock Reclosable fasteners less than 0.75" (19 mm) width should not
be engaged to other type 250 Dual Lock Reclosable fastener as low disengagement values may occur.
• Whenever possible design one side of the Dual Lock reclosable fasteners to be larger than the mating side. This will allow for variability or mismatch in Dual lock
alignment positions, and ensure 100% fastening area contact. Another approach would be to design two rectangular shaped fastener pieces so that they can be
engaged in a cross web/perpendicular pattern (crossed).
• Dual Lock strength is proportional to the fastening contact area, and the number of stems in combination used. More stems and more Dual Lock used gives you more
strength, less stems combined and using less Dual Lock will give you less strength.
• Dual Lock disengagement strength/performance is strongest in direct tensile. Peel/cleavage mode is where it is most easily removed.
• Final product performance depends upon a combination of factors: the substrate and its surface characteristics, the fastener selected, the application method and
conditions, the time and environmental conditions required for the application. Because these factors are unique to each application, the user must evaluate Dual Lock
and do any testing required to determine Dual Lock’s suitability for the user’s desired end use.
Storage and Shelf Life
To obtain best performance, use this product within 24 months from date of manufacture.
SJ3443
SJ3444
SJ3445
Thickness (mm)
4.2
4.2
4.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com