Electronic Components Datasheet Search
  English  ▼

X  

SJ3445 Datasheet(PDF) 3 Page - 3M Electronics

Part # SJ3445
Description  3M??Dual Lock??Reclosable Fastener SJ3445
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SJ3445 Datasheet(HTML) 3 Page - 3M Electronics

  SJ3445 Datasheet HTML 1Page - 3M Electronics SJ3445 Datasheet HTML 2Page - 3M Electronics SJ3445 Datasheet HTML 3Page - 3M Electronics SJ3445 Datasheet HTML 4Page - 3M Electronics SJ3445 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3M™ Dual Lock™ Reclosable Fastener SJ3445
Typical Performance Characteristics (continued)
Dynamic Tensile (Engage)
Substrate
9 N/cm²
13 lb/in²
Type 170 to 250
14.5 N/cm²
21 lb/in²
Type 170 to 400
15.2 N/cm²
22 lb/in²
Type 250 to 250
21.4 N/cm²
31 lb/in²
Type 250 to 400
18.5 N/cm²
27 lb/in²
Low Pro le to Low Pro le
Property: Dynamic Tensile (Engage)
Dynamic Tensile (Disengage)
Substrate
18.5 N/cm²
27 lb/in²
Type 170 to 250
29.6 N/cm²
43 lb/in²
Type 170 to 400
29.6 N/cm²
43 lb/in²
Type 250 to 250
41.4 N/cm²
60 lb/in²
Type 250 to 400
Property: Dynamic Tensile (Disengage)
Dynamic Shear
Substrate
9.8 N/cm²
14 lb/in²
Type 170 to 250
14.5 N/cm²
21 lb/in²
Type 170 to 400
15 N/cm²
22 lb/in²
Type 250 to 250
41.3 N/cm²
59 lb/in²
Type 250 to 400
Property: Dynamic Shear
Cleavage Strength
Substrate
21 N/cm width
12 lb/in width
Type 170 to 250
35 N/cm width
20 lb/in width
Type 170 to 400
42 N/cm width
24 lb/in width
Type 250 to 250
56 N/cm width
32 lb/in width
Type 250 to 400
Property: Cleavage Strength
notes: Rigid backed from Rigid backed
T-Peel Adhesion
Substrate
1.2 N/cm width
0.7 lb/in width
Type 170 to 250
2.5 N/cm width
1.4 lb/in width
Type 170 to 400
3.3 N/cm width
1.9 lb/in width
Type 250 to 250
2.6 N/cm width
1.5 lb/in width
Type 250 to 400
Property: T-Peel Adhesion
notes: Flexible from Flexible



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com