Electronic Components Datasheet Search
  English  ▼

X  

SJ3445 Datasheet(PDF) 1 Page - 3M Electronics

Part # SJ3445
Description  3M??Dual Lock??Reclosable Fastener SJ3445
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SJ3445 Datasheet(HTML) 1 Page - 3M Electronics

  SJ3445 Datasheet HTML 1Page - 3M Electronics SJ3445 Datasheet HTML 2Page - 3M Electronics SJ3445 Datasheet HTML 3Page - 3M Electronics SJ3445 Datasheet HTML 4Page - 3M Electronics SJ3445 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ASK A 3M EXPERT
June, 2014
3M™ Dual Lock™ Reclosable Fastener SJ3445
Product Description
3M™ Dual Lock™ Reclosable Fasteners are positive locking, hidden fasteners designed for use in a variety of
attachment solutions. They consist of continuous strips of polyole n stems with a mushroom shaped top
protruding up from the backing. When snapped together the mushroom shaped caps interlock producing a
strong reliable Fastener.
The standard Dual Lock fasteners are available in three di erent stem densities (170, 250 and 400) referring to
the approximate number of stems per square inch. (26, 39, 62 stems per square centimeter) By inter-locking
di erent stem density combinations you can create the strength that suits your application; more total stems
give higher strength. The Dual Lock Reclosable fasteners can be mated in the following combinations of
increasing closure strength: Type 170 to Type 250, Type 170 to Type 400, Type 250 to Type 250 and Type
250 to Type 400. We do not recommend using the Type 170 to 170 because it does not have enough strength
for a good connection. We do not recommend using the Type 400 to 400 because it is too strong and may
cause stems and heads to rip out rendering the fastener no longer reclosable.
The Dual Lock Low Pro le has one stem density of approximately 705 stems per square inch and they
interlock to themselves. The low pro le products are not intended to mate to the standard size Dual Lock.
3M™ Dual Lock™ Reclosable Fastener SJ3445 with non-woven backing allows for a variety of attachment
methods. Most commonly by applying hot melt, epoxy or liquid adhesive.
Product Features
• Non-woven backing allows for attachment with hot melt, epoxy or liquid adhesives.
• Easy Alignment: Dual Lock fasteners engage in any direction or position. The mushroom stems slide into
position until they are engaged by snapping together applying rm pressure, this eliminates concerns about
misalignment or spontaneous engagement.
• Positive Locking: Dual Lock fasteners engage/fasten with an audible snap and detectable movement
assuring complete and secure closure.
• Reclosability: Dual Lock fasteners can be opened and closed for multiple closure applications (high cycle
life).
• Blind Attachment: Dual Lock fasteners can be attached on the backside of substrate (i.e. trim piece) where it
will not interrupt the show surface.
• Rattle-Free: Dual Lock fasteners will not rattle loose.
• Ease of Assembly: Dual Lock fasteners can be used to attach components before they enter the nal
assembly plant, reducing the number of parts and the assembly time. No tools are required.
• Adjustable Strength: By selecting di erent combinations of the various stem densities of the Dual Lock the
fastener can be designed to meet the strength needs of the designer.
• Product Forms: Dual Lock fasteners come in a variety of forms: Backed with Pressure Sensitive adhesive,
Non-woven, Rigid backed, Die Cut Shapes, and low pro le.
• Attachment Methods: The wide varieties of Dual Lock fasteners allow a design engineer exibility to be able
use and attach Dual Lock to just about any substrate or application. Peel and stick pressure sensitive adhesive
backed is quick and easy yet strong and secure. Non-woven backed can be used with a variety of adhesive
choices such as hot melt, liquid, epoxies, sealants, etc. We have parts that can be attached with a screw or
rivet; rigid and plain backed for developing your own special device.


Similar Part No. - SJ3445

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SJ3441 3M-SJ3441 Datasheet
143Kb / 5P
3M™ Dual Lock™ Reclosable Fastener SJ3441
Sep-2017
SJ3442 3M-SJ3442 Datasheet
143Kb / 5P
3M™ Dual Lock™ Reclosable Fastener SJ3442
Sep-2017
SJ3443 3M-SJ3443 Datasheet
143Kb / 5P
3M™ Dual Lock™ Reclosable Fastener SJ3443
Jun-2014
More results

Similar Description - SJ3445

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SJ3560 3M-SJ3560 Datasheet
219Kb / 7P
3M™ Dual Lock™ Reclosable Fastener SJ3560
Jun-2014
SJ4570 3M-SJ4570 Datasheet
151Kb / 4P
3M™ Dual Lock Low Profile reclosable fastener SJ4570
Jun-2014
SJ3443 3M-SJ3443 Datasheet
143Kb / 5P
3M™ Dual Lock™ Reclosable Fastener SJ3443
Jun-2014
SJ3442 3M-SJ3442 Datasheet
143Kb / 5P
3M™ Dual Lock™ Reclosable Fastener SJ3442
Sep-2017
SJ4580 3M-SJ4580 Datasheet
197Kb / 7P
3M™ Dual Lock™ Low Profile reclosable fastener SJ4580
Dec-2003
SJ3461 3M-SJ3461 Datasheet
138Kb / 5P
3M™ Dual Lock™ Reclosable Fastener SJ3461
Sep-2017
SJ3441 3M-SJ3441 Datasheet
143Kb / 5P
3M™ Dual Lock™ Reclosable Fastener SJ3441
Sep-2017
SJ3481 3M-SJ3481 Datasheet
135Kb / 5P
3M™ Dual Lock™ Reclosable Fastener SJ3481
Jun-2014
SJ3460 3M-SJ3460 Datasheet
138Kb / 5P
3M??Dual Lock??Reclosable Fastener SJ3460
SJ3463 3M-SJ3463 Datasheet
166Kb / 5P
3M™ Dual Lock™ Reclosable Fastener SJ3463
Jun-2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com