Electronic Components Datasheet Search
  English  ▼

X  

CDC950DGG Datasheet(PDF) 4 Page - Texas Instruments

Part # CDC950DGG
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC950DGG Datasheet(HTML) 4 Page - Texas Instruments

  CDC950DGG Datasheet HTML 1Page - Texas Instruments CDC950DGG Datasheet HTML 2Page - Texas Instruments CDC950DGG Datasheet HTML 3Page - Texas Instruments CDC950DGG Datasheet HTML 4Page - Texas Instruments CDC950DGG Datasheet HTML 5Page - Texas Instruments CDC950DGG Datasheet HTML 6Page - Texas Instruments CDC950DGG Datasheet HTML 7Page - Texas Instruments CDC950DGG Datasheet HTML 8Page - Texas Instruments CDC950DGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CDC950
133MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR
PC MOTHERBOARDS/SERVERS
SCAS646B − FEBRUARY 2001 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Function Tables
Table 1. Select Functions
INPUTS
OUTPUTS
FUNCTION
SEL100/133
SelA
SelB
HCLK, HCLK
CLK33
3V48, 3V48
REFCLK
FUNCTION
0
0
0
100 MHz
33 MHz
48 MHz
14.318 MHz
Active 100 MHz
0
0
1
100 MHz
33 MHz
L, H
14.318 MHz
100 MHz mode; PLL48 powerdown
0
1
0
105 MHz
35 MHz
48 MHz
14.318 MHz
100 MHz mode 5% overclocking
0
1
1
Hi-Z
Hi-Z
Hi-Z
Hi-Z
All 3-state outputs
1
0
0
133 MHz
33 MHz
48 MHz
14.318 MHz
Active 133 MHz
1
0
1
127 MHz
31.7 MHz
48 MHz
14.318 MHz
133 MHz mode −5% underclocking
1
1
0
133 MHz
33 MHz
48 MHz
14.318 MHz
Test mode
1
1
1
TCLK/2
TCLK/8
TCLK/2
TCLK
Test mode (PLL bypass)
Table 2. Enable Functions
INPUT
OUTPUTS
PWRDWN
HCLK
HCLK
CLK33
3V48
3V48
REFCLK
0
2
× IREF
Hi-Z
L
L
H
L
1
On
On
On
On
On
On
Table 3. Output Buffer Specifications
BUFFER NAME
VDD RANGE
(V)
IMPEDANCE
(
Ω)
BUFFER TYPE
3V48, REFCLK
3.135 − 3.465
20−60
TYPE 3
CLK33
3.135 − 3.465
12−55
TYPE 5
HCLK/HCLK
3.135 − 3.465
TYPE X1
Table 4. Spread Spectrum Functions
INPUT
OUTPUTS
SPREAD
OUTPUTS
0
Spread spectrum clocking active, −0.6% at HCLK/HCLK, CLK33
1
Spread spectrum clocking inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com