Electronic Components Datasheet Search
  English  ▼

X  

CDC950DGG Datasheet(PDF) 10 Page - Texas Instruments

Part # CDC950DGG
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC950DGG Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDC950DGG Datasheet HTML 6Page - Texas Instruments CDC950DGG Datasheet HTML 7Page - Texas Instruments CDC950DGG Datasheet HTML 8Page - Texas Instruments CDC950DGG Datasheet HTML 9Page - Texas Instruments CDC950DGG Datasheet HTML 10Page - Texas Instruments CDC950DGG Datasheet HTML 11Page - Texas Instruments CDC950DGG Datasheet HTML 12Page - Texas Instruments CDC950DGG Datasheet HTML 13Page - Texas Instruments CDC950DGG Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CDC950
133MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR
PC MOTHERBOARDS/SERVERS
SCAS646B − FEBRUARY 2001 − REVISED OCTOBER 2003
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, VDD = 3.135 V to 3.465 V, TA = 0°C to 85°C (continued)
HCLK/HCLK (Type X1), CL = 2 pF, Rref = 475 Ω, 6 x Rref
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HCLK clock period‡
f(HCLK) = 100 MHz
10
10.2
ns
HCLK clock period‡
f(HCLK) = 133 MHz
7.5
7.65
ns
Tjit(cc)
Cycle-to-cycle jitter
f(HCLK) = 100 or 133 MHz
SSC off
−80
80
ps
Tjit(cc)
Cycle-to-cycle jitter
f(HCLK) = 100 or 133 MHz
SSC on
−110
110
ps
tdc
Duty cycle
f(HCLK) = 100 or 133 MHz,
Crossing point
45%
55%
tsk(o)
HCLK bus skew
f(HCLK) = 100 or 133 MHz,
Crossing point
70
ps
tr
Rise time†
0.7-V amplitude
VO = 0.14 V to 0.56 V
175
700
ps
tf
Fall time†
0.7-V amplitude
VO = 0.14 V to 0.56 V
175
700
ps
v(cross)
Cross point voltages†
0.7-V amplitude
f(HCLK) = 100 or 133-MHz
HCLK and HCLK
45%
VOH
55%
VOH
V
† These parameters are assured by design and lab characterization, not 100% production tested.
‡ The average over any 1-µs period of time is greater than the minimum specified period.
CLK33 (Type 5), CL = 30 pF, RL = 500 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PCI clock period†
f(HCLK) = 100 or 133 MHz
30
30.06
30.6
ns
Tjit(cc)
Cycle-to-cycle jitter
f(HCLK) = 100 or 133 MHz
−150
150
ps
t(dc)
Duty cycle
f(CLK33) = 33.3 MHz
45%
55%
tr
Rise time
VO = 0.4 V to 2.4 V
0.5
2
ns
tf
Fall time
VO = 0.4 V to 2.4 V
0.5
2
ns
† The average over any 1-µs period of time is greater than the minimum specified period.
3V48 (Type 3), CL = 20 pF, RL = 500 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3V48 clock period
f(HCLK) = 100 or 133 MHz
20.83
ns
Tjit(cc)
Cycle-to-cycle jitter
f(HCLK) = 100 or 133 MHz
−300
300
ps
tdc
Duty cycle
f(3V48) = 48 MHz
45%
55%
tr
Rise time
VO = 0.4 V to 2.4 V
1
4
ns
tf
Fall time
VO = 0.4 V to 2.4 V
1
4
ns
REF (Type 3), CL = 20 pF, RL = 500 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REF clock period
f(REF) = 14.318 MHz
69.84
ns
Tjit(cc)
Cycle-to-cycle jitter
f(HCLK) = 100 or 133 MHz
−0.5
0.5
ns
t(dc)
Duty cycle
f(REF) = 14.318 MHz
45%
55%
tr
Rise time
VO = 0.4 V to 2.4 V
1
4
ns
tf
Fall time
VO = 0.4 V to 2.4 V
1
4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com