Electronic Components Datasheet Search
  English  ▼

X  

CDC950DGG Datasheet(PDF) 11 Page - Texas Instruments

Part # CDC950DGG
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC950DGG Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDC950DGG Datasheet HTML 7Page - Texas Instruments CDC950DGG Datasheet HTML 8Page - Texas Instruments CDC950DGG Datasheet HTML 9Page - Texas Instruments CDC950DGG Datasheet HTML 10Page - Texas Instruments CDC950DGG Datasheet HTML 11Page - Texas Instruments CDC950DGG Datasheet HTML 12Page - Texas Instruments CDC950DGG Datasheet HTML 13Page - Texas Instruments CDC950DGG Datasheet HTML 14Page - Texas Instruments CDC950DGG Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CDC950
133MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR
PC MOTHERBOARDS/SERVERS
SCAS646B − FEBRUARY 2001 − REVISED OCTOBER 2003
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tw
VIH(REF)
VT(REF)
VIL(REF)
3 V
0 V
Input
CL
(see Note A)
Test Point
From Output
Under Test
LOAD CIRCUIT for tr and tf
VOLTAGE WAVEFORMS
VT(REF)
VT(REF)
VT(REF)
VT(REF)
3 V
0 V
VDD
0 V
Input
tPLH
VIH(REF)
VT(REF)
VIL(REF)
tPHL
VOH
VOL
tr
tf
tw(high)
tw(low)
Output
tPZL
tPZH
tPLZ
tPHZ
VT(REF)
VT(REF)
VOL + 0.3 V
VOH − 0.3 V
≈ 3 V
VOL
VOH
≈ 0 V
Output Enable
(High-Level
Enabling)
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOLTAGE WAVEFORMS
RL = 500 Ω
RL = 500 Ω
S1
VO(REF)
OPEN
GND
CL
(see Note A)
From Output
Under Test
TEST
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VO(REF)
GND
S1
LOAD CIRCUIT For tpd and tsk
NOTES: A. CL includes probe and jig capacitance. CL = 2 pF (HCLK, HCLK), CL = 20 pF (48 MHz, REF), CL = 30 pF (CLK33).
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 14.318 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
PARAMETER
3.3-V INTERFACE
UNIT
VIH(REF)
High-level reference voltage
2.4
VIL(REF)
Low-level reference voltage
0.4
V
VT(REF)
Input threshold reference voltage
1.5
V
VO(REF)
Off-state reference voltage
6
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com