Electronic Components Datasheet Search
  English  ▼

X  

FS1023 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # FS1023
Description  Liquid Flow Sensor Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS1023 Datasheet(HTML) 5 Page - Renesas Technology Corp

  FS1023 Datasheet HTML 1Page - Renesas Technology Corp FS1023 Datasheet HTML 2Page - Renesas Technology Corp FS1023 Datasheet HTML 3Page - Renesas Technology Corp FS1023 Datasheet HTML 4Page - Renesas Technology Corp FS1023 Datasheet HTML 5Page - Renesas Technology Corp FS1023 Datasheet HTML 6Page - Renesas Technology Corp FS1023 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FS1023 Datasheet
© 2018 Integrated Device Technology, Inc.
5
October 10, 2018
Heater Enable
The FS1023 allows power savings through the operation of the Heater Enable (HE) pin. The flow sensor element includes a micro-heater. The
HE pin powers the micro-heater. When a measurement is taken, the HE pin must be powered on and connected to +5VDC. To conserve power,
the HE pin can be pulsed on when taking measurements or grounded (turned off) when no measurements are required. Alternatively, the HE
pin can be constantly powered on.
Electrical Connector
A 6-position receptacle (not provided) is required to mate to the board crimp style connector. A part number example is PHR-6 (JST).
Figure 3. Receptacle Drawing
Module Material
The wetted contact surface of the FS1023 consists of the following:
Housing – Polyphenylene Ether (PPE) + Polystyrene (PS) blend resin
Flow Sensor – Silicon-carbide thin film
Epoxy
Gasket – Silicone
Substrate – Gold plating
Tubing Guidance
The FS1023 module has barb tube endings. Tubing with a nominal 3/8inch (9.5mm) internal diameter is recommended for use. A hose clamp
or zip tie can be used to secure the tubing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com