Electronic Components Datasheet Search
  English  ▼

X  

FS1023 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # FS1023
Description  Liquid Flow Sensor Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS1023 Datasheet(HTML) 6 Page - Renesas Technology Corp

  FS1023 Datasheet HTML 1Page - Renesas Technology Corp FS1023 Datasheet HTML 2Page - Renesas Technology Corp FS1023 Datasheet HTML 3Page - Renesas Technology Corp FS1023 Datasheet HTML 4Page - Renesas Technology Corp FS1023 Datasheet HTML 5Page - Renesas Technology Corp FS1023 Datasheet HTML 6Page - Renesas Technology Corp FS1023 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FS1023 Datasheet
© 2018 Integrated Device Technology, Inc.
6
October 10, 2018
Mechanical Drawings
The package outline drawings are appended at the end of this document and are accessible from the link below. The package information is
the most current data available.
https://www.idt.com/document/psc/fs1023-package-outline-drawing-580-x-315-mm-module-mod0d1
Ordering Information
Orderable Part Number
Description and Package
Shipping Packaging
Temperature
FS1023
FS1023: 0 to 3 liter/min liquid flow sensor module with
amplified analog output
Box
0°C to +85°C
Revision History
Revision Date
Description of Change
October 10, 2018
Updated specifications; added flow curve, electrical connector drawing, and module material.
December 18, 2017
Initial release.
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) and its affiliated companies (herein referred to as “IDT”) reserve the right to modify the products and/or specifications described herein at any time,
without notice, at IDT's sole discretion. Performance specifications and operating parameters of the described products are d etermined in an independent state and are not guaranteed to perform the same
way when installed in customer products. The information contained herein is provided without representation or warranty of a ny kind, whether express or implied, including, but not limited to, the suitability
of IDT's products for any particular purpose, an implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not
convey any license under intellectual property rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein a re the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visi t www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com