Electronic Components Datasheet Search
  English  ▼

X  

FS1023 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FS1023
Description  Liquid Flow Sensor Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS1023 Datasheet(HTML) 1 Page - Renesas Technology Corp

  FS1023 Datasheet HTML 1Page - Renesas Technology Corp FS1023 Datasheet HTML 2Page - Renesas Technology Corp FS1023 Datasheet HTML 3Page - Renesas Technology Corp FS1023 Datasheet HTML 4Page - Renesas Technology Corp FS1023 Datasheet HTML 5Page - Renesas Technology Corp FS1023 Datasheet HTML 6Page - Renesas Technology Corp FS1023 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Liquid Flow Sensor Module
FS1023
Datasheet
© 2018 Integrated Device Technology, Inc.
1
October 10, 2018
Description
The FS1023 MEMS Liquid Flow Sensor Module measures the flow
rate using the thermo-transfer (calorimetric) principle. The FS1023
is designed to measure liquids. The sensor output is amplified and
trimmed at zero flow for module to module consistency.
The FS1023 offers key advantages over resistor-based flow
solutions. The sensor utilizes thermopile sensing, which provides
an excellent signal-to-noise ratio. The sensor comprises a “solid”
thermal isolation technology and silicon-carbide coating, which
protects it from abrasive wear and provides robustness and long-
term reliability. In comparison, other sensors typically contain a
fragile membrane above an etched cavity for the thermal isolation
base.
There are no moving mechanical parts that can break in contrast
to other flow meter types, such as a turbine-type meter. The
FS1023 has minimal flow resistance, making it highly suitable for
gravity-feed applications or for replacing a high-power pump with a
lower power device.
The FS1023 is a NSF-certified component.
Typical Applications
Beverage equipment
Liquid-dispensing system
Process controls and monitoring
Fluid leak detection
Features
Liquid flow: 0 to 3 liters/min
Robust “solid” isolation technology
Resistant to surface contamination
No cavity to cause clogging
Resistant to vibration and pressure shock
Low-power application
Minimal flow resistance
Fast response: < 5ms
Analog voltage output
Thermistor voltage output: 1V to 4.5V
Supply voltage: 5V
Module operating temperature range: 0°C to +85°C
FS1023 Flow Sensor Module


Similar Part No. - FS1023

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FS1023-1001-DG RENESAS-FS1023-1001-DG Datasheet
534Kb / 11P
Gas Flow Sensor Module
FS1023-2001-DL RENESAS-FS1023-2001-DL Datasheet
481Kb / 12P
Liquid Flow Sensor Module
08/30/2022
FS1023-DG RENESAS-FS1023-DG Datasheet
534Kb / 11P
Gas Flow Sensor Module
FS1023-DL RENESAS-FS1023-DL Datasheet
481Kb / 12P
Liquid Flow Sensor Module
08/30/2022
More results

Similar Description - FS1023

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
FS1012 IDT-FS1012 Datasheet
298Kb / 6P
Gas and Liquid Flow Sensor Module
logo
Renesas Technology Corp
FS1012 RENESAS-FS1012 Datasheet
422Kb / 9P
Gas and Liquid Flow Sensor Module
FS1025 RENESAS-FS1025 Datasheet
715Kb / 6P
Liquid Flow Sensor Module
FS1027 RENESAS-FS1027 Datasheet
567Kb / 6P
Liquid Flow Sensor Module
FS1025-DG RENESAS-FS1025-DG Datasheet
544Kb / 11P
Gas Flow Sensor Module
FS1027-DG RENESAS-FS1027-DG Datasheet
532Kb / 11P
Gas Flow Sensor Module
FS1023-DL RENESAS-FS1023-DL Datasheet
481Kb / 12P
Liquid Flow Sensor Module
08/30/2022
FS1025-DL RENESAS-FS1025-DL Datasheet
499Kb / 12P
Liquid Flow Sensor Module
Jul 1, 2021
FS1027-DL RENESAS-FS1027-DL Datasheet
491Kb / 12P
Liquid Flow Sensor Module
Jul 1, 2021
logo
Sciosense B.V.
UFM-01 SCIOSENSE-UFM-01 Datasheet
1Mb / 2P
Ultrasonic Flow Sensor Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com