Electronic Components Datasheet Search
  English  ▼

X  

ZSC31014 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ZSC31014
Description  RBicilite??Digital Output Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31014 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ZSC31014 Datasheet HTML 3Page - Renesas Technology Corp ZSC31014 Datasheet HTML 4Page - Renesas Technology Corp ZSC31014 Datasheet HTML 5Page - Renesas Technology Corp ZSC31014 Datasheet HTML 6Page - Renesas Technology Corp ZSC31014 Datasheet HTML 7Page - Renesas Technology Corp ZSC31014 Datasheet HTML 8Page - Renesas Technology Corp ZSC31014 Datasheet HTML 9Page - Renesas Technology Corp ZSC31014 Datasheet HTML 10Page - Renesas Technology Corp ZSC31014 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
ZSC31014 Datasheet
7
January 20, 2016
1.3. Electrical Parameters
Note: See important notes at the end of the table.
Table 1.3
ZSC31014 Electrical Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
Update Mode Supply Current
(See section 1.4.1)
IDD
At minimum update rate (1MHz
clock)
70
120
μA
At maximum update rate (4MHz
clock). See section 3.1.1 for more
details. Minimum current is
achieved at slow update rates.
2000
2500
Sleep Mode Supply Current
(See section 1.4.2)
Isndby
-40°C to +85°C
0.5
5
μA
-40°C to +125°C
0.5
32
μA
Power-On-Reset Level
POR
1.8
2.5
V
ANALOG FRONT END (AFE)
Leakage Current Pins VBP,VBN
IIN_LEAK
Sensor connection and short
checks must be disabled.
±20
nA
EEPROM
Number of Erase/Write Cycles
nWRI_EEP
At 85
°C
100k
Cycles
Data Retention
tWRI_EEP
At 100
°C
10
Years
ANALOG-TO-DIGITAL CONVERTER (ADC)
Resolution
rADC
14
Bits
Temperature Resolution
11
Bits
Integral Nonlinearity (INL)
1)
INLADC
Based on ideal slope
-4
+4
LSB
Differential Nonlinearity
2) (DNL)
DNLADC
-1
+1
LSB
I
2C™ INTERFACE & SPI INTERFACE
Input Low Level
VIN_low
SDA/MISO and SCL/SCLK
0
0.2
VDD
Input High Level
VIN_ high
SDA/MISO and SCL/SCLK
0.8
1
VDD
Input leakage to VSS
Iil
SDA/MISO, SCL/SCLK, and
INT/SS with output disabled
-1.0
+1.0
µa
Input leakage to VDD
Iih
SDA/MISO and INT/SS with
output disabled
-1.0
+1.0
µa
Iih_PU
SCL/SCLK with weak pull-up
-1.2
-5
µa
Output Sourcing Current
IOH_SDA/MISO
SDA/MISO @VOH = VDD -0.2v
-1.9
-3.1
-4.8
mA
IOH_INT/SS
INT/SS @VOH= VDD -0.2v
-0.63
-1.2
-1.9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com