Electronic Components Datasheet Search
  English  ▼

X  

ZSC31014 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ZSC31014
Description  RBicilite??Digital Output Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31014 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ZSC31014 Datasheet HTML 4Page - Renesas Technology Corp ZSC31014 Datasheet HTML 5Page - Renesas Technology Corp ZSC31014 Datasheet HTML 6Page - Renesas Technology Corp ZSC31014 Datasheet HTML 7Page - Renesas Technology Corp ZSC31014 Datasheet HTML 8Page - Renesas Technology Corp ZSC31014 Datasheet HTML 9Page - Renesas Technology Corp ZSC31014 Datasheet HTML 10Page - Renesas Technology Corp ZSC31014 Datasheet HTML 11Page - Renesas Technology Corp ZSC31014 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
ZSC31014 Datasheet
8
January 20, 2016
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Sink Current
IOL_SDA/MISO
SDA/MISO @VOl = 0.2v
2.3
3.9
6.2
mA
IOL_INT/SS
INT/SS @VOl= 0.2v
0.85
1.7
3.0
mA
Load Capacitance at SDA
CSDA
@ 400kHz
200
pF
Pull-up Resistor
RI2C_PU
500
Ω
Input Capacitance (each pin)
CI2C_IN
10
pF
TOTAL SYSTEM
Frequency Variation
fvar
All timing in the specification is
subject to this variation.
±15
%
Start-Up-Time
3), 4), 5)
(Power-up to data ready)
tSTA
@
4MHz(EEPROM locked)
@
4MHz(EEPROM unlocked)
2.8
7.3
3.2
8.4
ms
@
1MHz(EEPROM locked)
@
1MHz(EEPROM unlocked)
6.0
10.4
6.9
12
Response Time
3), 4), 5)
(Time to data ready)
fmeas
@
4MHz
0.5
ms
@
1MHz
1.6
Overall Linearity Error
6), 7), 8)
ELIND
Within 5% to 95% of full-scale
differential input.
±0.05
%FSO
Overall Ratiometricity Error
6), 9)
REout
VDD ± 10%
±0.025
±0.1
%FSO
Overall Absolute Error
6), 10)
ACout
-25°C to +85°C, VDD ± 10%
±0.1
%FSO
-40°C to +125°C, VDD ± 10%
±0.25
%FSO
1)
Measured at highest PreAmp_Gain setting and -1/2 to 1/2 A2D_Offset setting.
2)
Parameter not tested during production test but guaranteed by design.
3)
In Update Rate Mode at fastest update rate.
4)
See section 3.1 for more details.
5)
Parameter indirectly tested during production test.
6)
Bridge input to digital output.
7)
For applications where Vdd <3.5V using A2D offsets 15/16, 7/8, 1/8, or 1/16, a slight overall linearity improvement of 0.015% FSO can be achieved.
8)
FSO = percent full-scale output.
9)
For high preamp gain (
≥96) in conjunction with high clock frequency and normal integration (4MHz, longInt=0), the ratiometricity error can be ≤0.3%.
10)
For applications requiring high preamp gain (
≥96) in conjunction with a high clock frequency (4 MHz), calibration using three temperature points is
required in order to achieve the specified “Overall Absolute Error.” If calibration is performed using only two temperature points, the specified
maximum error values must be increased by a factor of 3. A calibration using only one temperature point is not recommended for applications with
high preamp gain (
≥96) in conjunction with a high clock frequency (4 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com