Electronic Components Datasheet Search
  English  ▼

X  

ZSC31014 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZSC31014
Description  RBicilite??Digital Output Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31014 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZSC31014 Datasheet HTML 1Page - Renesas Technology Corp ZSC31014 Datasheet HTML 2Page - Renesas Technology Corp ZSC31014 Datasheet HTML 3Page - Renesas Technology Corp ZSC31014 Datasheet HTML 4Page - Renesas Technology Corp ZSC31014 Datasheet HTML 5Page - Renesas Technology Corp ZSC31014 Datasheet HTML 6Page - Renesas Technology Corp ZSC31014 Datasheet HTML 7Page - Renesas Technology Corp ZSC31014 Datasheet HTML 8Page - Renesas Technology Corp ZSC31014 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
RBicilite™ Digital Output Sensor
Signal Conditioner
ZSC31014
Datasheet
© 2016 Integrated Device Technology, Inc.
1
January 20, 2016
Vsupply
(2.7V to 5.5V)
GND
0.1µF
VSS
VDD
BSINK
INT/SS
VBP
SDA/MISO
VBN
SCL/SCLK
ZSC31014
Brief Description
The ZSC31014 is a CMOS integrated circuit for
highly accurate amplification and analog-to-digital
conversion
of
differential and half-bridge
input
signals. The ZSC31014 can compensate the mea-
sured signal for offset, 1
st and 2nd order span, and 1st
and 2
nd order temperature (Tco and Tcg). It is well
suited for sensor-specific correction of bridge sen-
sors.
Digital
compensation
of
signal
offset,
sensitivity, temperature drift, and non-linearity is
accomplished via an internal digital signal processor
running
a
correction
algorithm
with
calibration
coefficients stored in a non-volatile EEPROM.
The ZSC31014 is adjustable to nearly all piezo-
resistive bridge sensors. Measured and corrected
bridge values are provided at digital output pins,
which can be configured as I
2C™* or SPI. The digital
I
2C™ interface can be used for a simple PC-
controlled calibration procedure to program cali-
bration coefficients into an on-chip EEPROM. The
calibrated ZSC31014 and a specific sensor are
mated digitally: fast, precise, and without the cost
overhead associated with trimming by external
devices or laser trimming.
The ZSC31014’s integrated diagnostics functions
are well suited for safety-critical applications.
Features
• High accuracy (±0.1% FSO @ -25 to +85°C;
±0.25% FSO @ -40 to +125°C)
• 2
nd order charge-balancing analog-to-digital
converter provides low noise, 14-bit data at
sample rates exceeding 2kHz
• Fast power-up to data output response:
3ms at 4MHz
• Digital compensation of sensor offset, sensitivity,
temperature drift, and non-linearity
• Eight programmable analog gain settings com-
bine with a digital gain term; accommodates
bridges with spans <1mV/V and high offset
• Internal temperature compensation for sensor
correction and for corrected temperature output
• 48-bit customer ID field for module traceability
* I
2C™ is a trademark of NXP.
Benefits
• Simple PC-controlled configuration and single-
pass digital calibration via I
2C™ interface – quick
and precise; SPI option for measurement mode
• Eliminates need for external trimming
components
• On-chip diagnostic features add safety to the
application (e.g., EEPROM signature, bridge
connection checks, bridge short detection).
• Low-power Sleep Mode lengthens battery life
• Enables multiple sensor networks
Available Support
• Evaluation Kit
• Application Notes
• Mass Calibration Solution
Physical Characteristics
• Wide supply voltage capability: 2.7V to 5.5V
• Current consumption
as low as 70μA depending
on programmed sample rate
• Low-
power Sleep Mode (<2μA @ 25°C)
• Operation temperature: -40°C to +125°C
• Small SOP8 package
ZSC31014 Application: I
2C™ Interface, Low-Power
Bsink Option, Internal Temperature Correction


Similar Part No. - ZSC31014

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZSC31014 ZMD-ZSC31014 Datasheet
239Kb / 2P
Digital Output Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31014 IDT-ZSC31014 Datasheet
706Kb / 58P
Digital Output Sensor Signal Conditioner
ZSC31014EAB IDT-ZSC31014EAB Datasheet
706Kb / 58P
Digital Output Sensor Signal Conditioner
ZSC31014EAC IDT-ZSC31014EAC Datasheet
706Kb / 58P
Digital Output Sensor Signal Conditioner
ZSC31014EAG1 IDT-ZSC31014EAG1 Datasheet
706Kb / 58P
Digital Output Sensor Signal Conditioner
More results

Similar Description - ZSC31014

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
ZSC31014 ZMD-ZSC31014 Datasheet
239Kb / 2P
Digital Output Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31014 IDT-ZSC31014 Datasheet
706Kb / 58P
Digital Output Sensor Signal Conditioner
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
Analog Output Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSC31010 RENESAS-ZSC31010 Datasheet
575Kb / 44P
RBicLiteTM Analog Output Sensor Signal Conditioner
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
Automotive Sensor Signal Conditioner with Analog Output
ZSSC4151C RENESAS-ZSSC4151C Datasheet
1Mb / 33P
Automotive Sensor Signal Conditioner with Analog Output
March 25, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com