Electronic Components Datasheet Search
  English  ▼

X  

TMP139 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMP139 Datasheet HTML 45Page - Texas Instruments TMP139 Datasheet HTML 46Page - Texas Instruments TMP139 Datasheet HTML 47Page - Texas Instruments TMP139 Datasheet HTML 48Page - Texas Instruments TMP139 Datasheet HTML 49Page - Texas Instruments TMP139 Datasheet HTML 50Page - Texas Instruments TMP139 Datasheet HTML 51Page - Texas Instruments TMP139 Datasheet HTML 52Page - Texas Instruments TMP139 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
10 Layout
10.1 Layout Guidelines
Place the power-supply bypass capacitor as close as possible to the supply and ground pins as possible. The
recommended value of this bypass capacitor is 0.01 µF. The SCL does not require a pull up as it is driven in
push-pull mode by the hub device. The SDA does not require an external pull up, as in I3C the pull up resistor is
integrated in the hub device as well.
10.2 Layout Example
SCL
V
DD IO
SDA
SA
VSS
V
DD SPD
0.01µF
0.01µF
Via to Ground Plane
Via to Power Plane or Trace
SCL
V
DDIO
SDA
SA
VSS
V
DD SPD
0.01µF
0.01µF
Figure 10-1. Layout Example
www.ti.com
TMP139
SNIS217 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com