Electronic Components Datasheet Search
  English  ▼

X  

TMP139 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP139 Datasheet HTML 9Page - Texas Instruments TMP139 Datasheet HTML 10Page - Texas Instruments TMP139 Datasheet HTML 11Page - Texas Instruments TMP139 Datasheet HTML 12Page - Texas Instruments TMP139 Datasheet HTML 13Page - Texas Instruments TMP139 Datasheet HTML 14Page - Texas Instruments TMP139 Datasheet HTML 15Page - Texas Instruments TMP139 Datasheet HTML 16Page - Texas Instruments TMP139 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
7.3.7 Packet Error Check
The packet error check (PEC) is implemented at a CRC-8 with the polynomial given in Table 7-3.
Table 7-3. PEC Rule Table
PEC Rule
Attributes
PEC width
8-bits
PEC polynomial
X8 + X2 + X1 + 1
Initial seed value
00h
Input data reflected
No
Output data reflected
No
XOR value
00h
The PEC is supported in I3C mode only and is computed on the device address, the R/W bit and the data
packet. The seed value for the PEC function is reset to zero on either a Start or Repeated Start bus condition.
Any host transaction that results from a PEC enable or disable must be followed by a Stop condition on the bus
immediately to allow an update on the PEC control bit in the MR18 register.
7.4 Device Functional Modes
This section describes the serial address structure of the TMP139 and how the device operates in both I2C
mode and I3C basic mode, including the switching between the modes. This section also describes the behavior
of the TMP139 during IBI and the bus reset sequence.
7.4.1 Conversion Mode
The TMP139 powers up in continuous conversion mode. In this mode, the device shall perform temperature
conversions every 125 ms as shown in Figure 7-5.
Acti ve conversion time
Conversion interval
(tCONV)
Conversion interval
Start of co nve rsio n
(tACT)
Figure 7-5. Continuous Conversion Timing Diagram
The application software can stop the conversion by clearing bit 0 of the MR26 register. When disabled, the
device shall not update the result registers. When the temperature sensor is disabled, the host must wait for at
least one active conversion cycle for the disable to take effect before any other writes are performed to the
device. When the temperature sensor is re-enabled for continuous conversion mode, the host must wait for at
least one conversion interval before reading the temperature results. During this time, read to other registers
may be performed.
7.4.2 Serial Address
The TMP139 has a 7-bit serial address which is used by the host to communicate with the device in both I2C and
I3C basic modes of operation. The Table 7-4 shows the serial address format for the TMP139. As described in
the power-up sequence, the SA pin is sampled on power up. The sampled value of the SA pin is used to select
one of the two possible local device type ID (LID) section of the serial address. The LID is concatenated with the
host ID (HID) to form the 7-bit unique serial address.
Table 7-4. Serial Address Format
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
SA
1
0
1
1
1
R/W
Local Device Type ID (LID)
Host ID (HID)
Read/Write
www.ti.com
TMP139
SNIS217 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com