Electronic Components Datasheet Search
  English  ▼

X  

TMP139 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP139 Datasheet HTML 2Page - Texas Instruments TMP139 Datasheet HTML 3Page - Texas Instruments TMP139 Datasheet HTML 4Page - Texas Instruments TMP139 Datasheet HTML 5Page - Texas Instruments TMP139 Datasheet HTML 6Page - Texas Instruments TMP139 Datasheet HTML 7Page - Texas Instruments TMP139 Datasheet HTML 8Page - Texas Instruments TMP139 Datasheet HTML 9Page - Texas Instruments TMP139 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
6.6 Timing Requirements
minimum and maximum specifications are over –40 °C to 125 °C and VDDIO = 0.95 V to 1.05 V (unless otherwise noted)(1)
I2C MODE -
OPEN DRAIN
I3C MODE -
PUSH PULL(1)
UNIT
MIN
MAX
MIN
MAX
fSCL
SCL operating frequency
0.01
1
0.001
12.5
MHz
tHiGH
Clock pulse width high time (Figure 6-1)
260
35
ns
tLOW
Clock pulse width low time (Figure 6-1)
500
35
ns
tTIMEOUT
Detect clock low timeout (Figure 7-4)
10
50
10
50
ms
tR
SDA rise time (Figure 6-1)
120
5
ns
tF
SDA fall time (Figure 6-1)
4
120
5
ns
tSUDAT
Data setup time (Figure 6-1)
50
8
ns
tHDDI
Data hold time(2) (Figure 6-1)
0
3
ns
tSUSTA
START condition setup time (Figure 6-1)
260
19.2
ns
tHDSTA
Hold time after repeated START condition. After this period, the
first clock is generated. (Figure 6-1)
260
38.4
ns
tSUSTO
STOP condition setup time (Figure 6-1)
260
19.2
ns
tBUF
Time between STOP condition and next START condition (Figure
6-1)
500
500
ns
tAVAL
Bus available time (no edges seen in SDA and SCL)
1
µs
tIBI_ISSUE
Time to issue IBI after an event is detected when bus is available
15
µs
tCLR_I3C_CMD_DELAY
Time from Clear Register Status to any I3C operation with START
condition. PEC disabled
4
µs
Time from Clear Register Status to any I3C operation with START
condition. PEC enabled
15
µs
tHDDAT
SCL falling clock in to SDA data out hold time (Figure 6-4)
0.5
350
ns
tDOUT
SCL falling clock in to SDA valid data out time (Figure 6-2, Figure
6-3, Figure 6-5)
0.5
12
ns
tDOFFS
SCL rising clock in to SDA output off (Figure 6-2, Figure 6-3)
0.5
12
ns
tDOFFM
SCL rising clock in to host controller SDA output off
0.5
30
ns
tCL_R_DAT_F
SCL rising clock in to host controller driving SDA low (Figure 6-2)
40
ns
tDEVCTRLCCC_PEC_DIS
DEVCTRL CCC followed by DEVCTRL CCC or register read/write
command delay
3
3
µs
tWR_RD_DECLAY_PEC_EN
Register write command followed by register read command delay
in PEC enabled mode
8
µs
tI2C_CCC_UPDATE_DELAY
SETHID CCC or SETAASA CCC to any other CCC or read/write
command delay
2.5
µs
tI3C_CCC_UPDATE_DELAY
RSTDAA CCC or ENEC CCC or DISEC CCC to any other CCC or
read/write command delay
2.5
µs
tCCC_DELAY
Any CCC to RSTDAA CCC delay
2.5
µs
(1)
The host and device have the same VDD value. Values are based on statistical analysis of samples tested during initial release.
(2)
The maximum t(HDDAT) can be 0.9 µs for fast mode, and is less than the maximum t(VDAT) by a transition time.
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
tLPF
Spike filter for I3C compatibility valid
in I2C mode only
SCL= 12.5 MHz
50
ns
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com