Electronic Components Datasheet Search
  English  ▼

X  

FTK2324 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK2324
Description  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2324 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK2324 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2324 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2324 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2324 Datasheet HTML 4Page - First Silicon Co., Ltd FTK2324 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2017. 02. 17
4/5
FTK2324
Revision No : 1
Typical Characteristics
Safe Operating Area
0.001
0.01
0.1
1
10
0. 1
1
10
100
1000
Vds-Drain-to-Source Voltage (V)
* Vgs> minimum Vgs at which RDS(on) is specified
100us
100ms
Limited by RDS(on)*
1ms
T
A = 25 °C
Single Pluse
BVdss Limited
10ms
1s, 10s
DC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com