Electronic Components Datasheet Search
  English  ▼

X  

FTK2324 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK2324
Description  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2324 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK2324 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2324 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2324 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2324 Datasheet HTML 4Page - First Silicon Co., Ltd FTK2324 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2017. 02. 17
3/5
FTK2324
Revision No : 1
Typical Characteristics
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
0
100
200
300
400
500
600
700
800
900
01
2
345
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1E-3
0.01
0.1
1
6
25
50
75
100
125
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
0
1234
5
160
180
200
220
240
260
280
V
GS=3 8V
V
GS=3.5V
V
GS=8V,10V,12V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
Pulsed
V
GS=3V
Ta=100℃
Pulsed
GATE TO SOURCE VOLTAGE V
GS
(V)
I
D=0 8A
Ta=25℃
Pulsed
V
GS
——
R
DS(ON)
GATE TO SOURCE VOLTAGE V
GS
(V)
V
DS=3V
Pulsed
T
a=100
℃
T
a=25
℃
Transfer Characteristics
Ta=100℃
Pulsed
SOURCE TO DRAIN VOLTAGE V
SD
(mV)
Ta=25℃
Pulsed
V
SD
I
S ——
Output Characteristics
JUNCTION TEMPERATURE T
J
( )
℃
I
D=250uA
Threshold Voltage
VGS=6V
VGS=4 5V
DRAIN CURRENT I
D
(A)
Ta=25℃
Pulsed
VGS=10V
I
D
——
R
DS(ON)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com