Electronic Components Datasheet Search
  English  ▼

X  

FTK2324 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK2324
Description  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2324 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK2324 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2324 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2324 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2324 Datasheet HTML 4Page - First Silicon Co., Ltd FTK2324 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2017. 02. 17
2/5
FTK2324
Revision No : 1
ELECTRICAL CHARACTERISTICS (Ta =25
℃ unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC PARAMETERS
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
100
V
Zero gate voltage drain current
IDSS
VDS =100V,VGS = 0V
1
µA
Gate-body leakage current
IGSS
VGS =±20V, VDS = 0V
±100
nA
Gate threshold voltage(note 1)
VGS(th)
VDS =VGS, ID =250µA
1.2
2.8
V
Drain-source on-resistance (note 1)
RDS(on)
VGS =10V, ID =1.5A
234
mΩ
VGS =6V, ID =1A
267
mΩ
VGS =4.5V, ID =0.5A
278
mΩ
Forward tranconductance (note 1)
gFS
VDS =20V, ID =1.5A
2
S
Diode forward voltage (note 1)
VSD
IS=1.3A, VGS = 0V
1.2
V
DYNAMIC PARAMETERS (note2)
Input Capacitance
Ciss
VDS =50V,VGS =0V,f =1MHz
190
pF
Output Capacitance
Coss
22
pF
Reverse Transfer Capacitance
Crss
13
pF
Gate Resistance
Rg
F=1MHz
0.3
2.8
Ω
SWITCHING PARAMETERS (note 2)
Turn-on delay time
td(on)
VDD=50V,VGEN=4.5V
RL=39Ω,RG=1Ω,ID=1.3A
45
ns
Turn-on rise time
tr
39
ns
Turn-off delay time
td(off)
26
ns
Turn-off fall time
tf
20
ns
Total Gate Charge
Qg
VDS =50V,VGS =4.5V,ID=1.6A
5.8
nC
Gate-Source Charge
Qgs
0.75
nC
Gate-Drain Charge
Qgd
1.4
nC
Notes : 1. Pulse Test : Pulse width≤300μs, duty cycle≤0.5%.
2. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com