| Electronic Components Datasheet Search |
|
ZSSC3170FE2 Datasheet(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSSC3170FE2 Datasheet(HTML) 13 Page - Renesas Technology Corp |
|
13 / 31 page ![]() ZSSC3170 Datasheet © 2016 Integrated Device Technology, Inc. 13 May 30, 2016 2.2 Application Modes For each application, a configuration set must be established (generally prior to calibration) by programming the on-chip EEPROM for the following modes: Table 2.1 Configuration for Application Modes Bridge Sensor Channel Input Voltage Range Select gain stage of the AFE with respect to the maximum sensor signal span and the zero point of the ADC. Bridge Sensor Offset Compensation (XZC) Activate the analog sensor offset compensation if required; e.g., if the sensor offset voltage is close to or larger than the sensor span. Resolution/Response Time Select appropriate resolution of the ADC. Settings will influence sampling rate, signal integration time, and therefore sensitivity to noise and disturbances. Temperature Measurement Temperature Measurement for the Correction of the Bridge Signal Select temperature sensor to calibrate temperature related errors. Temperature Measurement for the Temperature Output in LIN Mode Select temperature sensor for temperature measurement. Output Signal Output Mode Select PWM or LIN according to application requirements. LIN Mode Select LIN compatibility to specification package LIN2.1, LIN2.0, or LIN1.3. PWM Mode Select switch type: high-side switch (HSS) or low-side switch (LSS). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |