Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3170FE2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSSC3170FE2
Description  Automotive Sensor Signal Conditioner with LIN and PWM Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3170FE2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSSC3170FE2 Datasheet HTML 1Page - Renesas Technology Corp ZSSC3170FE2 Datasheet HTML 2Page - Renesas Technology Corp ZSSC3170FE2 Datasheet HTML 3Page - Renesas Technology Corp ZSSC3170FE2 Datasheet HTML 4Page - Renesas Technology Corp ZSSC3170FE2 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3170FE2 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3170FE2 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3170FE2 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3170FE2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Automotive Sensor Signal Conditioner
with LIN and PWM Interface
ZSSC3170
Datasheet
© 2016 Integrated Device Technology, Inc.
2
May 30, 2016
May 27, 2016
Analog Front-End (AFE)
Digital Block
Interfaces
Ext. Temp.
Diode
Sensor
Bridge
Temp. Sens.
Select
Gain
Factor
Offset
Shift
ADC
Mode
HOUT
LOUT
LIN
Internal
Temp.
Sensor
PGA
ADC
EEPROM
CMC
RAM
I
2CTM*
PWM
LIN
Protection &
Power
Management
SCL
SDA
VB
VSSE
Control Registers
VTN2
VTN1
VBR_B
VBR_T
VBN
VBP
ZSSC3170
VDDA
VSSA
MUX
ZSSC3170
Block Diagram
* I
2C™ is a trademark of NXP.
Applications
LIN Pressure Sensor with Temperature Sensor
Sensor Bridge
With Integrated
Temperature Diode
SDA
SCL
12
11
13
14
16
15
17
18
9
10
5
6
4
3
LIN
LOUT
n.c.
VBN
VBR_B
VBP
VTN 1
VBR_T
VSS
VSSE
VB
HOUT
VDD
SCL
SDA
VSSA
20
19
1
2
VTN2
n.c.
VDDA
7
8
R1
10
W
LIN
VBAT
GND
C2
220nF
C3
220pF
C1
100nF
R2
RTD Media
Temperature
Sensor
n.c.
Ordering Information (See section 7 in the data sheet for additional options.)
Product Sales Code
Description
Package
ZSSC3170FE1B
ZSSC3170 Die Revision F
— Temperature range: -40°C to +150°C
Unsawn on Wafer, 2450 pcs.
ZSSC3170FE1C
ZSSC3170 Die Revision F
— Temperature range: -40°C to +150°C
Sawn on Wafer Frame, 2450 pcs.
ZSSC3170FE2
ZSSC3170 SSOP20 Revision F
— Temperature range: -40°C to +150°C
Add R for
13” reel, 2000 pcs. Add T for tube, 660 pcs.
ZSSC3170EE1B
ZSSC3170 Die Revision E
— Temperature range: -40°C to +150°C
Unsawn on Wafer, 2450 pcs.
ZSSC3170EE1C
ZSSC3170 Die Revision E
— Temperature range: -40°C to +150°C
Sawn on Wafer Frame, 2450 pcs.
ZSSC3170EE2
ZSSC3170 SSOP20 Revision E
— Temperature range: -40°C to +150°C
Add R for 13” reel, 2000 pcs. Add T for tube, 660 pcs.
ZSSC3170EE3R
ZSSC3170 DFN20 Revision E
— Temperature Range -40°C to +150°C
13” Reel, 4500 pcs
ZSSC3170EA1B
ZSSC3170 Die Revision E
— Temperature range: -40°C to +125°C
Unsawn on Wafer, 2450 pcs.
ZSSC3170EA1C
ZSSC3170 Die Revision E
— Temperature range: -40°C to +125°C
Sawn on Wafer Frame, 2450 pcs.
ZSSC3170EA3R
ZSSC3170 DFN20 Revision E
— Temperature Range -40°C to +125°C
13” Reel, 4500 pcs
ZSSC3170KIT
ZSSC3170 Evaluation Kit and 5 SSOP20 samples
Kit
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com