Electronic Components Datasheet Search
  English  ▼

X  

EC-2216 Datasheet(PDF) 4 Page - 3M Electronics

Part # EC-2216
Description  Scotch-WeldTM Epoxy Adhesive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC-2216 Datasheet(HTML) 4 Page - 3M Electronics

  EC-2216 Datasheet HTML 1Page - 3M Electronics EC-2216 Datasheet HTML 2Page - 3M Electronics EC-2216 Datasheet HTML 3Page - 3M Electronics EC-2216 Datasheet HTML 4Page - 3M Electronics EC-2216 Datasheet HTML 5Page - 3M Electronics EC-2216 Datasheet HTML 6Page - 3M Electronics EC-2216 Datasheet HTML 7Page - 3M Electronics EC-2216 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3M™ Scotch-Weld™
Epoxy Adhesive EC-2216 B/A
Technical Datasheet
Surface Preparation
(continued)
Aluminum (Chemical Etch)
Aluminum alloys may be chemically cleaned and etched as per ASTM D 2651. This
procedure states to:
1. Alkaline Degrease – Oakite® Aluminum Cleaner 164 solution (9-11 oz/gal of
water) at 190°F ± 10°F (88°C ± 5°C) for 10-20 minutes. Rinse immediately in
large quantities of cold running water.
2. Optimized FPL Etch Solution (1 liter):
Material
Amount
Distilled Water
700 ml plus balance of liter (see below)
Sodium Dichromate
28 to 67.3 grams
Sulfuric Acid
287.9 to 310.0 grams
Aluminum Chips
1.5 grams/liter of mixed solution
To prepare 1 liter of this solution, dissolve sodium dichromate in 700 ml of
distilled water. Add sulfuric acid and mix well. Add additional distilled water to
fill to 1 liter. Heat mixed solution to 66 to 71°C (150 to 160°F). Dissolve 1.5
grams of 2024 bare aluminum chips per liter of mixed solution. Gentle agitation
will help aluminum dissolve in about 24 hours.
To etch aluminum panels, place them in FPL etch solution heated to 66 to 71°C
(150 to 160°F). Panels should soak for 12 to 15 minutes.
3. Rinse: Rinse panels in clear running tap water.
4. Dry: Air dry 15 minutes; force dry 10 minutes (minimum) at 140°F (60°C)
maximum.
5. If primer is to be used, it should be applied within 4 hours after surface
preparation.
Plastics/Rubber
1. Wipe with isopropyl alcohol.*
2. Abrade using fine grit abrasives (180 grit or finer).
3. Wipe with isopropyl alcohol.*
Glass
1. Solvent wipe surface using acetone or Methyl Ethyl Ketone (MEK).*
2. Apply a thin coating (0.0001 in. or less) of 3M™ Scotch-Weld™ Structural
Adhesive Primer EC-3901 to the glass surfaces to be bonded and allow the primer
to dry a minimum of 30 minutes @ 75°F (24°C) before bonding.
*When using solvents, extinguish all ignition sources, including pilot lights, and
follow the manufacturer’s precautions and directions for use. Use solvents in
accordance with local regulations.
- 4 -



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com