Electronic Components Datasheet Search
  English  ▼

X  

EC-2216 Datasheet(PDF) 3 Page - 3M Electronics

Part # EC-2216
Description  Scotch-WeldTM Epoxy Adhesive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC-2216 Datasheet(HTML) 3 Page - 3M Electronics

  EC-2216 Datasheet HTML 1Page - 3M Electronics EC-2216 Datasheet HTML 2Page - 3M Electronics EC-2216 Datasheet HTML 3Page - 3M Electronics EC-2216 Datasheet HTML 4Page - 3M Electronics EC-2216 Datasheet HTML 5Page - 3M Electronics EC-2216 Datasheet HTML 6Page - 3M Electronics EC-2216 Datasheet HTML 7Page - 3M Electronics EC-2216 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3M™ Scotch-Weld™
Epoxy Adhesive EC-2216 B/A
Technical Datasheet
Handling/Curing
Information (continued)
3. For maximum bond strength, apply product evenly to both surfaces to be joined.
4. Application to the substrates should be made within 90 minutes. Larger quantities
and/or higher temperatures will reduce this working time.
5. Join the adhesive coated surfaces and allow to cure at 60°F (16°C) or above until
firm. Heat, up to 200°F (93°C), will speed curing.
6. The following times and temperatures will result in a full cure:
7. Keep parts from moving until handling strength is reached. Contact pressure is
necessary. Maximum shear strength is obtained with a 3-5 mil bond line.
Maximum peel strength is obtained with a 17-25 mil bond line.
8. Excess uncured adhesive can be cleaned up with ketone type solvents.*
Adhesive Coverage: A 0.005 in. thick bondline will typically yield a coverage of
320 sq. ft/gallon
Product
3M™ Scotch-Weld™ Epoxy Adhesive
EC-2216 B/A Gray
EC-2216 B/A Translucent
Cure Temperature
Time
Time
75°F (24°C)
7 days
30 days
150°F (66°C)
120 minutes
240 minutes
200°F (93°C)
30 minutes
60 minutes
Application and
Equipment Suggestions
These products may be applied by spatula, trowel or flow equipment.
Two-part mixing/proportioning/dispensing equipment is available for intermittent or
production line use. These systems are ideal because of their variable shot size and
flow rate characteristics and are adaptable to many applications.
Surface Preparation
For high strength structural bonds, paint, oxide films, oils, dust, mold release agents
and all other surface contaminants must be completely removed. However, the
amount of surface preparation directly depends on the required bond strength and the
environmental aging resistance desired by user.
The following cleaning methods are suggested for common surfaces.
Steel or Aluminum (Mechanical Abrasion)
1. Wipe free of dust with oil-free solvent such as acetone or alcohol solvents.*
2. Sandblast or abrade using clean fine grit abrasives (180 grit or finer).
3. Wipe again with solvents to remove loose particles.
4. If a primer is used, it should be applied within 4 hours after surface preparation.
If 3M™ Scotch-Weld™ Structural Adhesive Primer EC-1945 B/A is used, apply
a thin coating (0.0005") on the metal surfaces to be bonded, air dry for 10 minutes,
then cure for 30 minutes at 180°F (82°C) prior to bonding.
*When using solvents, extinguish all ignition sources, including pilot lights, and
follow the manufacturer’s precautions and directions for use. Use solvents in
accordance with local regulations.
- 3 -



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com