Electronic Components Datasheet Search
  English  ▼

X  

EC-2216 Datasheet(PDF) 2 Page - 3M Electronics

Part # EC-2216
Description  Scotch-WeldTM Epoxy Adhesive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC-2216 Datasheet(HTML) 2 Page - 3M Electronics

  EC-2216 Datasheet HTML 1Page - 3M Electronics EC-2216 Datasheet HTML 2Page - 3M Electronics EC-2216 Datasheet HTML 3Page - 3M Electronics EC-2216 Datasheet HTML 4Page - 3M Electronics EC-2216 Datasheet HTML 5Page - 3M Electronics EC-2216 Datasheet HTML 6Page - 3M Electronics EC-2216 Datasheet HTML 7Page - 3M Electronics EC-2216 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3M™ Scotch-Weld™
Epoxy Adhesive EC-2216 B/A
Technical Datasheet
Typical Cured
Physical Properties
Product
3M™ Scotch-Weld™ Epoxy Adhesive
EC-2216 B/A Gray
EC-2216 B/A Translucent
Shore D Hardness
50-65
35-50
ASTM D 2240
Time to Handling Strength
8-12 hrs.
12-16 hrs.
Typical Cured
Electrical Properties
Product
3M™ Scotch-Weld™ Epoxy Adhesive
EC-2216 B/A Gray
EC-2216 B/A Translucent
Arc Resistance
130 seconds
—
Dielectric Strength
408 volts/mil
630 volts/mil
Dielectric Constant @ 73°F (23°C)
5.51–Measured @ 1.00 KHz
6.3 @ 1 KHz
Dielectric Constant @ 140°F (60°C)
14.17–Measured @ 1.00 KHz
—
Dissipation Factor 73°F (23°C)
0.112 Measured @ 1.00 KHz
0.119 @ 1 KHz
Dissipation Factor 140°F (60°C)
0.422–Measured @ 1.00 KHz
—
Surface Resistivity @ 73°F (23°C)
5.5 x 1016 ohm–@ 500 volts DC
—
Volume Resistivity @ 73°F (23°C)
1.9 x 1012 ohm-cm–
3.0 x 1012 ohm-cm
@ 500 volts DC
@ 500 volts DC
Typical Cured
Thermal Properties
Product
3M™ Scotch-Weld™ Epoxy Adhesive
EC-2216 B/A Gray
EC-2216 B/A Translucent
Thermal Conductivity
0.228 Btu-ft/ ft2 h °F
0.114 Btu-ft/ ft2 h°F
Coefficient of Thermal
102 x 10-6 in/in/°C
81 x 10-6 in/in/°C
Expansion
between 0-40°C
between -50-0°C
134 x 10-6 in/in/°C
207 x 10-6 in/in/°C
between 40-80°C
between 60-150°C
Handling/Curing
Information
Directions for Use
1. For high strength structural bonds, paint, oxide films, oils, dust, mold release agents
and all other surface contaminants must be completely removed. However, the
amount of surface preparation directly depends on the required bond strength and
the environmental aging resistance desired by user. For suggested surface
preparations of common substrates, see the following section on surface preparation.
2. These products consist of two parts. Mix thoroughly by weight or volume in the
proportions specified on the product label and in the uncured properties section.
Mix approximately 15 seconds after a uniform color is obtained.
- 2 -
Typical Cured
Outgassing Properties
% TML
% CVCM
% Wtr
3M™ Scotch-Weld™ Epoxy Adhesive EC-2216 B/A Gray
.77
.04
.23
Outgassing Data
NASA 1124 Revision 4
Cured in air for 7 days @ 77°F (25°C).
—No value present.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com