Electronic Components Datasheet Search
  English  ▼

X  

AF143-2 Datasheet(PDF) 4 Page - 3M Electronics

Part # AF143-2
Description  3M Scotch-Weld™ Structural Adhesive Film AF 143-2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF143-2 Datasheet(HTML) 4 Page - 3M Electronics

  AF143-2 Datasheet HTML 1Page - 3M Electronics AF143-2 Datasheet HTML 2Page - 3M Electronics AF143-2 Datasheet HTML 3Page - 3M Electronics AF143-2 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Technical Data Sheet
3M Scotch-Weld™ Structural Adhesive Film AF 143-2
Shelf Life and Storage Conditions
3M™ Scotch-weld™ Structural Adhesive Film AF 143-2 shelf life is 6 months from date of shipment when stored at 0⁰F
(-18⁰C) or below. The film should be permitted to thoroughly warm to room temperature before being used to prevent
moisture condensation. (Do not open protective container prior to reaching ambient conditions.) The suggested out-
time of the material is 5 days when stored below 80 °F (-27°C).
Precautionary Information
Refer to Product Label and Safety Data Sheet for health and safety information before using this product. For additional health and
safety information, call 1-800-364-3577 or (651) 737-6501, and visit www.3m.com/3M/en_US/company-us/SDS-search/
For Additional information
In the U.S., call toll free 1-800-235-2376, or fax 1-800-435-3082 or 651-737-2171. For U.S. Military, call 1-866-556-5714. If you are
outside of the U.S., please contact your nearest 3M office.
*These products were manufacture under a 3M Quality Management System registered to the AS9100 standard
Automotive & Aerospace Solutions Division
3M Center
St. Paul, MN 55144-1000
Phone 1-800-328-1684
Web www.3M.com/aerospace
AF 143-2
Issue date: 8/2019
3M and Scotch-Weld are trademarks
of 3M Company
© 3M 2019. All rights reserved.
Technical Information: The technical information, recommendations and other statements contained in this document are based upon tests or
experience that 3M believes are reliable, but the accuracy or completeness of such information is not guaranteed. Product Use: Many factors
beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and performance of a 3M product in a particular
application. Given the variety of factors that can affect the use and performance of a 3M product, user is solely responsible for evaluating the 3M
product and determining whether it is fit for a particular purpose and suitable for user’s method of application. Warranty, Limited Remedy, and
Disclaimer: Unless an additional warranty is specifically stated on the applicable 3M product packaging or product literature, 3M warrants that
each 3M product meets the applicable 3M product specification at the time 3M ships the product. 3M MAKES NO OTHER WARRANTIES OR
CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION OF MERCHANTABILITY
OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY OR CONDITION ARISING OUT OF A COURSE OF DEALING,
CUSTOM OR USAGE OF TRADE. If the 3M product does not conform to this warranty, then the sole and exclusive remedy is, at 3M’s option,
replacement of the 3M product or refund of the purchase price. Limitation of Liability: Except where prohibited by law, 3M will not be liable for
any loss or damage arising from the 3M product, whether direct, indirect, special, incidental or consequential, regardless of the legal theory
asserted, including warranty, contract, negligence or strict liability.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com