Electronic Components Datasheet Search
  English  ▼

X  

AF143-2 Datasheet(PDF) 1 Page - 3M Electronics

Part # AF143-2
Description  3M Scotch-Weld™ Structural Adhesive Film AF 143-2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF143-2 Datasheet(HTML) 1 Page - 3M Electronics

  AF143-2 Datasheet HTML 1Page - 3M Electronics AF143-2 Datasheet HTML 2Page - 3M Electronics AF143-2 Datasheet HTML 3Page - 3M Electronics AF143-2 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
August 2019
I. Surface Preparation
A thoroughly cleaned, dry grease-free surface is essential for maximum performance. Cleaning methods which will
produce break-free water film on metal surfaces are generally satisfactory.
A. Aluminum
1. The best performance will be achieved with the surface preparation by alkaline degreasing, then FPL etching
according to ASTM D2674, and followed by phosphoric acid anodizing according to ASTM D3933.
*CAUTION: Use adequate eyes, skin and respiratory protection when using etch solutions.
B. Aluminum Honeycomb Core
1. Soak in clean aliphatic naphtha (to conform to TT-N-95A) for five minutes at room temperature. Dry 10
minutes at 150°F ± 5°F (66°C ± 2°C).
2. Optional – Immerse in etching solutions for 2 minutes at 150°F ± 5°F (66°C ± 2°C). Rinse, air dry and force dry
in similar manner to skin panels.
3M™ Scotch-Weld™
Structural Adhesive Film AF 143-2
Technical Data Sheet
Introduction
3M™ Scotch-Weld™ Structural Adhesive Film AF 143-2 is designed for the bonding of honeycomb and metal to metal
components where high strengths at 350°F (177°C) are required. Preliminary indications are that Scotch-Weld AF 143-
2 will give excellent performance in the -67°F to 350°F (-55°C to 177°C) temperature range. Scotch-Weld AF 143-2
has an embossed liner which yields improved porosity control in metal to metal applications.
Product Description
Note: The following technical information and data should be considered representative or typical only and should not be used for
specification purposes.
Color:
Tan
Base:
Modified Epoxy
Form:
Flexible Supported Adhesive Film
Weight:
0.095 - 0.110 psf
Nominal Thickness:
0.016 inches
Product Application
Note: While this information is provided as a general application guideline based upon typical conditions, it is recognized that no
two applications are identical due to differing assemblies, method of heat and pressure application, production equipment and
other limitations. It is therefore suggested that experiments be run, within the actual constraints imposed, to determine optimum
conditions for your specific application and to determine suitability of product for the intended use.


Similar Part No. - AF143-2

ManufacturerPart #DatasheetDescription
logo
ABB
AF140-30-11-11 ABB-AF140-30-11-11 Datasheet
52Kb / 3P
AF140-30-11-11 Contactor
AF140-30-11-13 ABB-AF140-30-11-13 Datasheet
52Kb / 3P
AF140-30-11-13 Contactor
AF140-30-11B-11 ABB-AF140-30-11B-11 Datasheet
53Kb / 3P
AF140-30-11B-11 Contactor
AF140-30-11B-13 ABB-AF140-30-11B-13 Datasheet
53Kb / 3P
AF140-30-11B-13 Contactor
AF145-30-11 ABB-AF145-30-11 Datasheet
3Mb / 25P
3--polle Conttacttorrss
9/11
More results

Similar Description - AF143-2

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EW-5000 3M-EW-5000 Datasheet
389Kb / 6P
3M™ Scotch-Weld™ Structural Adhesive Primer
Feb-2018
EC-1660 3M-EC-1660 Datasheet
17Kb / 3P
3M Scotch-Weld??Structural Adhesive Primer
EC-1648 3M-EC-1648 Datasheet
20Kb / 4P
3M Scotch-WeldTM Structural Adhesive
Jun-2002
AF555 3M-AF555 Datasheet
1Mb / 15P
3M Scotch-Weld??Structural Adhesive Film
AF191 3M-AF191 Datasheet
140Kb / 12P
3M Scotch-WeldTM Structural Adhesive Film
Mar-2009
AF163-2 3M-AF163-2 Datasheet
355Kb / 21P
3M Scotch-WeldTM Structural Adhesive Film
Nov-2009
EW-5005 3M-EW-5005 Datasheet
347Kb / 6P
3M??Scotch-Weld??Structural Adhesive Primer EW-5005
AF32 3M-AF32 Datasheet
36Kb / 8P
3M Scotch-WeldTM Structural Adhesive Film
AF31 3M-AF31 Datasheet
80Kb / 15P
3M Scotch-WeldTM Structural Adhesive Film
Mar-2006
AF30 3M-AF30 Datasheet
42Kb / 12P
3m Scotch-WeldTM Structural Adhesive Film
Jun-2002
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com