Electronic Components Datasheet Search
  English  ▼

X  

AF143-2 Datasheet(PDF) 2 Page - 3M Electronics

Part # AF143-2
Description  3M Scotch-Weld™ Structural Adhesive Film AF 143-2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF143-2 Datasheet(HTML) 2 Page - 3M Electronics

  AF143-2 Datasheet HTML 1Page - 3M Electronics AF143-2 Datasheet HTML 2Page - 3M Electronics AF143-2 Datasheet HTML 3Page - 3M Electronics AF143-2 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data Sheet
3M Scotch-Weld™ Structural Adhesive Film AF 143-2
II. Primer Application
3M™ Scotch-Weld™ Structural Adhesive Primer EC-3917 corrosion inhibiting primer has been successfully used with
3M™ Scotch-Weld™ Structural Adhesive Film AF 143-2 using the following procedure:
Spray Application: Refer to the Scotch-Weld EC-3917 Primer Product Specification Sheet for equipment and technique.
Primer Dry Cycle: Air Dry: 30 minutes at ambient temperature.
Force Dry: 60 minutes at 250°F (121°C) in an air circulating oven.
Primer Thickness: Approximately 0.1 mils dry.
Caution: Scotch-Weld EC-3917 is flammable. See Primer Introductory Data Sheet for application techniques and
precautionary measures.
III. Adhesive Layup
Care should be taken to avoid contaminating adhesive and cleaned aluminum by any substance which will hinder
wetting action of the adhesive.
A. Film Application
1. Cut portion of film to be used from roll with protective liners in place.
2. Remove paper liner from one side of the film.
3. Place film on metal using a separating liner as a protective cover.
4. Roll film into position with a rubber roller, insuring that no air is trapped between film and panel.
5. Remove second protective liner.
6. Assemble parts and cure.
IV. Cure Cycle
A cure of 60 minutes at 350°F (177°C) and 45 ± 5 psi pressure is suggested where maximum results are desired.
Cure Cycle (Autoclave or Platen Press)
The following cure cycle has been used to obtain dense glue lines.
Cure Cycle (Autoclave or Platen Press)
Cure Cycle
1. Bonding pressure: Apply before starting
rise rate cycle and maintain throughout.
45 ± 5 psi
2. Bond line temperature rise rate.
4 to 5°F (2 to 3°C) / minute
3. Cure.
60 minutes at 350°F (177°C)
4. Temperature at which pressure is
released.
200°F (93°C) or below
Product Performance
Note:
The following technical information and data should be considered representative or typical only and should not be
used for specification purposes.
The following product performance data has been obtained in the 3M Laboratory under the conditions specified. Test
specimens are prepared using the general application methods and procedures described in the product application
section of this data sheet.
All data reported in this section were developed using 3M™ Scotch-Weld™ Structural Adhesive Primer EC-3917 primed
aluminum panels and an adhesive cure of 60 minutes at 350°F (177°C) and 45 psi. A 4-5°F (2-3°C) minute rise rate to
cure temperature was used. Parts were cooled below 200°F (93°C) before removing from autoclave.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com