Electronic Components Datasheet Search
  English  ▼

X  

AF126 Datasheet(PDF) 5 Page - 3M Electronics

Part # AF126
Description  Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF126 Datasheet(HTML) 5 Page - 3M Electronics

  AF126 Datasheet HTML 1Page - 3M Electronics AF126 Datasheet HTML 2Page - 3M Electronics AF126 Datasheet HTML 3Page - 3M Electronics AF126 Datasheet HTML 4Page - 3M Electronics AF126 Datasheet HTML 5Page - 3M Electronics AF126 Datasheet HTML 6Page - 3M Electronics AF126 Datasheet HTML 7Page - 3M Electronics AF126 Datasheet HTML 8Page - 3M Electronics AF126 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 126 • AF 126 FR
- 5 -
Product Performance (continued)
Effect of Cure Variables
The following overlap shear data on 3M™ Scotch-Weld™ Structural Adhesive Film AF 126 .06 wt. (294 g/m2)/
3M™ Scotch-Weld™ Structural Adhesive Primer EC-2320 primer shows the effects of varying cure time, pressure,
temperature rise rate and primer dry time and temperature. Results are overlap shear tests made on 1/2" (12.5 mm)
lap joint specimens of 0.063" (1.6 mm) clad 2024-T3 aluminum.
Cure Time Experiment
Adhesive Cure
Overlap Shear Test Results
Time (hours)
-67°F
-55°C
75°F
24°C
180°F
82°C
250°F
121°C
1
5453 psi
37.6 MPa
5060 psi
34.9 MPa
3160 psi
21.8 MPa
1507 psi
10.4 MPa
2
5397 psi
44.1 MPa
5460 psi
37.6 MPa
3447 psi
23.7 Mpa
1591 psi
11.0 MPa
3
5507 psi
37.9 MPa
5560 psi
38.3 MPa
3523 psi
24.3 Mpa
1575 psi
10.9 MPa
Cure Cycle: 6-8°F/minute rise, 225°F, 50 psi, time as stated (3.3-4.4°C/minute rise, 107°C, 0.35 MPa, time as stated).
Cure Pressure Experiment
Overlap Shear Test Results
Cure Pressure
-67°F
-55°C
73°F
23°C
180°F
82°C
250°F
121°C
25 psi
0.17 MPa
5247 psi
36.2 MPa
5040 psi
34.7 MPa
2960 psi
20.4 MPa
1315 psi
9.1 MPa
50 psi
0.35 MPa
5793 psi
39.9 MPa
5387 psi
37.1 MPa
3160 psi
21.8 MPa
1190 psi
8.2 MPa
100 psi
0.69 MPa
5230 psi
36.0 MPa
5393 psi
37.2 MPa
2940 psi
20.3 Mpa
1387 psi
9.6 MPa
Cure Cycle: 5-8°F/minute rise, 90 minutes @ 225°F, pressure as stated (2.8-4.4°C/minute rise, 90 minutes @ 107°C, pressure as stated).
Cure Rise Rate Experiment
Rise Rate
Overlap Shear Test Results
°F (°C)/Minute
-67°F
-55°C
73°F
23°C
180°F
82°C
250°F
121°C
2
1.1
5377 psi
37.0 MPa
5093 psi
35.1 MPa
3270 psi
22.5 MPa
1472 psi
10.1 MPa
7
3.9
5793 psi
39.9 MPa
5387 psi
37.1 MPa
3160 psi
21.8 MPa
1190 psi
8.2 MPa
12
6.7
5403 psi
37.2 MPa
5333 psi
36.7 MPa
3203 psi
22.1 Mpa
1431 psi
9.9 MPa
Cure Cycle: 90 minutes @ 225°F, 50 psi, rise rate as stated (90 minutes @ 107°C, 0.35 MPa, rise rate as stated).
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com