Electronic Components Datasheet Search
  English  ▼

X  

AF126 Datasheet(PDF) 10 Page - 3M Electronics

Part # AF126
Description  Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF126 Datasheet(HTML) 10 Page - 3M Electronics

Back Button AF126 Datasheet HTML 6Page - 3M Electronics AF126 Datasheet HTML 7Page - 3M Electronics AF126 Datasheet HTML 8Page - 3M Electronics AF126 Datasheet HTML 9Page - 3M Electronics AF126 Datasheet HTML 10Page - 3M Electronics AF126 Datasheet HTML 11Page - 3M Electronics AF126 Datasheet HTML 12Page - 3M Electronics AF126 Datasheet HTML 13Page - 3M Electronics AF126 Datasheet HTML 14Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 126 • AF 126 FR
- 10 -
Product Performance (continued)
Etched Aluminum Overlap Shear with 3M™ Scotch-Weld™ Structural Adhesive Primer EC-3960
Test Results
Test Temperature
.06 wt.
294 g/m2
-67°F
-55°C
5325 psi
36.7 MPa
75°F
24°C
5850 psi
40.3 MPa
180°F
82°C
3100 psi
21.4 MPa
Cure – 60 minutes @ 250°F, 40 psi, 6-8°F/minute rise (60 minutes @ 121°C, 0.28 MPa, 3.3-4.4°C/minute rise).
Etched Aluminum T-Peel with Scotch-Weld Primer EC-3960
Test Results
Test Temperature
.03 wt.
147 g/m2
75°F
24°C
31 piw
138.0 mN/m
Cure – 60 minutes @ 250°F, 40 psi, 6-8°F/minute rise (60 minutes @ 121°C, 0.28 MPa, 3.3-4.4°C/minute rise).
Volatile Condensible Material for 3M™ Scotch-Weld™ Structural Adhesive Film AF 126
As per NASA SP-R-0022 “Specification-Vacuum Stability Requirements for Polymeric Material for Space Craft
Application.”
TWL
VCM
Scotch-Weld AF 126
1.97
.85
TWL
=
Total weight loss in percent as measured per SP-R-0022A procedure.
VCM
=
Volatile condensible materials in percent measured using SP-R-0022A procedure.
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com