Electronic Components Datasheet Search
  English  ▼

X  

AF126 Datasheet(PDF) 6 Page - 3M Electronics

Part # AF126
Description  Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF126 Datasheet(HTML) 6 Page - 3M Electronics

Back Button AF126 Datasheet HTML 2Page - 3M Electronics AF126 Datasheet HTML 3Page - 3M Electronics AF126 Datasheet HTML 4Page - 3M Electronics AF126 Datasheet HTML 5Page - 3M Electronics AF126 Datasheet HTML 6Page - 3M Electronics AF126 Datasheet HTML 7Page - 3M Electronics AF126 Datasheet HTML 8Page - 3M Electronics AF126 Datasheet HTML 9Page - 3M Electronics AF126 Datasheet HTML 10Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 126 • AF 126 FR
- 6 -
Product Performance (continued)
Primer Dry Time Experiment
3M™ Scotch-Weld™ Structural Adhesive Primer EC-2320 Cure Conditions:
Primer Cure
Overlap Shear Test Results
Time (hrs)
Temp. (°F)
-67°F
-55°C
73°F
23°C
180°F
82°C
250°F
121°C
1
75
5932 psi
40.9 MPa
5800 psi
40.0 MPa
3690 psi
25.4 MPa
2003 psi
13.8 MPa
2
75
5526 psi
38.1 MPa
5697 psi
39.3 MPa
3590 psi
24.7 MPa
1680 psi
11.6 MPa
3
75
5800 psi
40.0 MPa
5540 psi
38.2 MPa
3786 psi
26.1 Mpa
1473 psi
12.2 MPa
1/2
150
5343 psi
36.8 MPa
5076 psi
35.0 MPa
3796 psi
26.2 Mpa
1297 psi
8.9 MPa
1/2
250
6490 psi
45.4 MPa
5700 psi
39.3 MPa
3957 psi
27.3 Mpa
1553 psi
10.7 MPa
1
250
6386 psi
44.0 MPa
6006 psi
41.4 MPa
3977 psi
27.4 Mpa
1433 psi
9.9 MPa
2
250
5466 psi
37.7 MPa
5817 psi
40.1 MPa
4010 psi
27.6 Mpa
1327 psi
9.1 MPa
Includes a 1/2 hour, 75°F (24°C) air dry for those panels given an elevated temperature cure.
Cure Cycle: 6-8°F/minute rise, 250°F, 60 minutes, 50 psi (3.3-4.4°C/minute rise, 121°C, 60 minutes, 0.35 MPa).
A second test was made to determine the effect of primer dry temperature as well as the effect of 75°F (24°C) aging after force drying. The
results indicated that 1/2 hour at 200°F (93°C) was close to optimum and that up to 1 week aging after the primer force dry had little effect on
250°F (121°C) overlap shear values.
3M™ Scotch-Weld™ Structural Adhesive Film AF 126 .06 wt. (294 g/m2) 3M™ Scotch-Weld™ Structural
Adhesive Primer EC-2320 Cryogenic Test
Typical Scotch-Weld EC-2320 primed overlap shear test specimens were cured for 1 hour at 250°F (121°C) and
then tested at -323°F (-197°C). Test results were as follows:
Control specimens: 5273 psi at 75°F (36.3 MPa at 24°C)
Test specimens:
4217 psi at -323°F (29.1 MPa at -197.2°C)
Overlap Shear Test Results
-67°F
-55°C
75°F
24°C
180°F
82°C
250°F
121°C
Adherend
Primer Used
psi
MPa
psi
MPa
psi
MPa
psi
MPa
Aluminum – 63 mil
Scotch-Weld EC-2320
5220
36.0
4815
33.2
3080
21.2
1360
9.4
2024 T3 clad (etched)
None
5090
35.1
4955
34.1
2860
19.7
1420
9.8
Magnesium
Scotch-Weld EC-2320
2260
15.6
2600
17.9
1520
10.5
610
4.2
Dow 7 Treated
None
1840
12.7
4150
28.6
2540
17.5
750
5.2
Titanium Alloy
Scotch-Weld EC-2320
6270
43.2
4730
32.6
2340
16.1
520
3.6
6-4
50 mil
Scotch-Weld EC-3901
6380
44.0
5280
36.4
3650
25.1
Not Tested
Not Tested
None
8310
57.3
5650
38.9
3100
21.4
1320
9.1
Stainless Steel
Scotch-Weld EC-2320
7597
52.3
6280
43.3
3343
23.0
1040
7.2
Type 17-7
Scotch-Weld EC-3901
10203
70.3
6310
43.5
3600
24.8
1913
13.2
50 mil
None
9877
68.1
6200
42.7
3487
24.0
1480
10.2
Scotch-Weld AF 126 .06 wt. (294 g/m2) on Various Metal Substrates
Overlap Shear Tests
Cure Cycle: 250°F, 50 psi, 60 minutes, 6-8°F/minute rise (121°C, 0.35 MPa, 60 minutes, 3.3-4.4°C/minute rise).
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com