Electronic Components Datasheet Search
  English  ▼

X  

5004 Datasheet(PDF) 1 Page - 3M Electronics

Part # 5004
Description  3M™ Paint Replacement Tape (appliqué) 5004
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5004 Datasheet(HTML) 1 Page - 3M Electronics

  5004 Datasheet HTML 1Page - 3M Electronics 5004 Datasheet HTML 2Page - 3M Electronics 5004 Datasheet HTML 3Page - 3M Electronics 5004 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
May 2018
3M™ Paint Replacement Tape (appliqué) 5004
Technical Data Sheet
Product Description
3M™ Paint Replacement Tape 5004 is a revolutionary material designed to replace top coat paint on a variety of
aircraft, marine, and other surfaces. 3M 5004 Tape has a 99.99% water vapor transmission rate and is Skydrol®
hydraulic fluid. It is formulated to withstand the harsh service environments associated with these applications. 3M
5004 Tape will conform and adhere to standard surface features such as rivet heads, or overlapping doublers, and
weld seams. It can be applied easily by hand with common plastic squeegees and can be removed without the use of
strippers or other caustic chemicals. 3M 5004 Tape consists of a fluoropolymer film coated with a pressure sensitive
adhesive, and is packaged in roll form with a removable liner on the adhesive side of the tape. The tape is supplied in
miscellaneous custom sizes and is available in a grey finish.
Typical Physical Properties and Performance Characteristics
The following technical information and data should be considered representative or typical only and should not be used for
specification purposes. Metric values are listed in parenthesis.
Note: ASTM = American Society for Testing and Materials,
FAR = Federal Aviation Regulations,
BSS = Boeing Specification Support Standard,
NFPA = National Fire Protection Association.
I. Dimensions:
Approximate Applied Thickness*:
0.0055 inch (0.14 mm)
Polymer Film Thickness:
0.0035 inch (0.09 mm)
Approximate Tape Weight/Area:
0.045 lbs/ft2 (0.22 kg/m2)
*Excludes the polyethylene liner that is removed from the tape prior to application.


Similar Part No. - 5004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5004 ETC2-5004 Datasheet
462Kb / 1P
THM TEST POINTS
5004 ETC2-5004 Datasheet
133Kb / 1P
TYPE N MALE TO SMA FEMALE ADAPTER
logo
Renesas Technology Corp
5004 RENESAS-5004 Datasheet
887Kb / 17P
Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Apr 8, 2021
logo
Keystone Electronics Co...
5004 KEYSTONE-5004 Datasheet
277Kb / 1P
THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Eltime Ltd.
5004 TEMPATRON-5004 Datasheet
92Kb / 1P
ANALOGUE TIMERS ELECTROMECHANICAL CAM TIMERS
More results

Similar Description - 5004

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3294 3M-3294 Datasheet
131Kb / 5P
3M™ Vent Tape
Jan-2006
8992 3M-8992 Datasheet
138Kb / 5P
3M™ Polyester Tape
Apr-2015
8997 3M-8997 Datasheet
124Kb / 5P
3M™ Polyimide Tape
Jan-2015
86415 3M-86415 Datasheet
275Kb / 3P
3M™ VHB™ Tape
Sep-2017
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com