Electronic Components Datasheet Search
  English  ▼

X  

5004 Datasheet(PDF) 2 Page - 3M Electronics

Part # 5004
Description  3M??Paint Replacement Tape (appliqu챕) 5004
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5004 Datasheet(HTML) 2 Page - 3M Electronics

  5004 Datasheet HTML 1Page - 3M Electronics 5004 Datasheet HTML 2Page - 3M Electronics 5004 Datasheet HTML 3Page - 3M Electronics 5004 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data Sheet
3M™ Paint Replacement Tape (appliqué) 5004
II. Typical Physical Properties and Performance Characteristics
Property
Test Method
Units
US (SI)
Typical Value
Tensile Strength @ Break
ASTM D882
psi (Mpa)
2900 (20)
Elongation % @ Break
ASTM D882
%
580
Dielectric Strength
ASTM D149
Volts/mil (kV/mm)
1430 (56)
Surface Resistivity
ASTM D257
Ohms/sq
2 x 1010
Dielectric Constant @ 1 kHz
ASTM D150
None
5.7
Dissipation Factor @ 1 kHz
ASTM D150
None
0.025
Oxygen Transmission Rate
ASTM D3895[1]
cm3/m2/day (mol/m2/s)
1210 (6.2 x 10-7)
Oxygen Permeance
ASTM D3895[1]
cm3/m2/day/atm (mol/m2/s/Pa)
1210 (6.1 x 10-12)
Water Vapor Transmission Rate
ASTM F1249[2]
g/100 in2/day (g/m2/day)
0.46 (7.2)
Peel Adhesion @ 70°F (21°C) to:
Stainless Steel
To Primer: Mil-P 23377E
ASTM D3330 –
Method A[3]
oz/in (N/100 mm)
81 (89)
76 (84)
Impact@100 in-lbs measured at:
-60°F (-51°C); 0°F (-18°C); 75°F
(24°C); 180°F (82°C); 275°F (135°C)
ASTM D2794
No tearing, cracking or lifting
Low Temperature Flexibility @
-75°F
1/4 inch (6.4 mm) mandrel bend
ASTM D522
Pass (no cracking)
Max. Service Temperature
°F (°C)
325°F (163°C)
1. Fluoropolymer film tested without adhesive; Sample area 10.0 cm2, 25.0°C, 40% relative humidity; 100% O2.
2. Fluoropolymer film tested without adhesive; Sample area 10.0 cm2, 37.8°C, 90% relative humidity.
3. Sample tab was reinforced with Scotch® Filament Tape 898.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com