Electronic Components Datasheet Search
  English  ▼

X  

5004 Datasheet(PDF) 3 Page - 3M Electronics

Part # 5004
Description  3M™ Paint Replacement Tape (appliqué) 5004
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5004 Datasheet(HTML) 3 Page - 3M Electronics

  5004 Datasheet HTML 1Page - 3M Electronics 5004 Datasheet HTML 2Page - 3M Electronics 5004 Datasheet HTML 3Page - 3M Electronics 5004 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data Sheet
3M™ Paint Replacement Tape (appliqué) 5004
III. Fluid and Environmental Resistance
Environmental Conditions
Exposure
Result
Aircraft Interior Fire Protection: FAR
25.853(a) Appendix F Part I (a) (1) (i)[4]
12 Second Vertical
Exposure
Self Extinguish Time (sec) < 1
No flaming drips
Flame Spread Index
ASTM E162[5]
0.2
No ignition
Film drips from panel without flaming
Optical Density of Smoke
ASTM E662[5]
@ 1.5 minutes
@ 4.0 minutes
Maximum
Observations
Radiant Heat Only
0.0
0.1
45.1 @ 20 minutes
No ignition after 20
minutes
With Ignition Source
0.0
2.6
45.3 @ 14 minutes
Ignition after 6
minutes
Toxic Gas Generated by Combustion
BSS 7239[5]
Carbon monoxide
122.5 ppm
Sulphur dioxide
None detected
HCI
None detected
HCN
None detected
NOx
0.75 ppm
HF
None detected
Heat of Combustion
NFPA 259
5.2 MJ/m2
Critical Radiant Flux of Ignition
ASTM E1354[5]
UV Aging: ASTM G 154, Cycle 3
500 hours
No visible change in dimensions
No loss of adhesion: ASTM D3330 Method A[3]
Color change < ∆E: ASTM D2244
Gloss change < ∆E: ASTM D523 [6]
Salt Spray: ASTM B117
30 days
De-Icing Fluid: SAE/AMS 1424B
Type 1
7 days @ 70°F (21°C)
Turbine Wash: Mil-PRF-85704C
24 hours @ 100°F (38°C)
Tap Water Immersion
24 hours @ 70°F (21°C)
De-ionized Water: ASTM D2247
@ 100% RH
7 days @ 100°F (38°C)
JP-4 Jet Fuel
14 days @ 70°F (21°C)
JP-8 Jet Fuel
14 days @ 70°F (21°C)
Hydraulic Fluid: Mil-H-5606G
30 days @ 70°F (21°C)
High Temperature: 325°F (163°C)
1 hour
3. Sample tab was reinforced with Scotch® Filament Tape 898.
4. Test conducted with tape applied to fiberglass/epoxy/honeycomb core floor panel.
5. Test conducted with tape applied to 0.125 inch (3.2 mm) thick untreated aluminum plate.
6. Tape applied to completely cover the surface of aluminum panels treated per Mil-C5541C Class 1a Method B and primed with Mil-P-23377E. The
primed panels were lightly scuff sanded with Scotch-Brite™ General Purpose Hand Pad 7447 and water, rinsed with isopropyl alcohol and wiped
dry with cheesecloth prior to applying tape. Panels were exposed to the listed environmental conditions; then brought back to ambient conditions,
cleaned with isopropyl alcohol and dried before testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com