Electronic Components Datasheet Search
  English  ▼

X  

30000 Datasheet(PDF) 4 Page - 3M Electronics

Part # 30000
Description  3M Scotchlok Copper Compression Lugs,
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

30000 Datasheet(HTML) 4 Page - 3M Electronics

  30000 Datasheet HTML 1Page - 3M Electronics 30000 Datasheet HTML 2Page - 3M Electronics 30000 Datasheet HTML 3Page - 3M Electronics 30000 Datasheet HTML 4Page - 3M Electronics 30000 Datasheet HTML 5Page - 3M Electronics 30000 Datasheet HTML 6Page - 3M Electronics 30000 Datasheet HTML 7Page - 3M Electronics 30000 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3M™ Scotchlok™ Copper Compression Lugs, 30000 and 31000 Series
4 of 8
Two Hole, Long-Barrel Lug Dimensions and Selection Guide [Dimensions in Inches and (Millimeters)]
3M™
Scotchlok™
Lug
Number
Conductor
Size AWG or
kcmil
(MCM)
Stud
Size
Color
Code
I.D.,
+/- .010”
O.D.,
+/- .010”
L,
Length,
+/- .100”
B,
Barrel
Length,
+/- .100”
P,
Pad Length,
+/- .060”
W,
Pad Width,
+/- .060”
C,
Center of
Hole-to-
End of Pad,
+/- .030”
C1,
Hole-to-
Hole,
Center-to-
Center,
+/- .015”
Agency
Approvals
31116
6 AWG
1/2
(12)
Blue
.200
(5,1)
.290
(7,4)
3.16
(80,3)
1.07
(27,2)
3.00
(76,2)
.63
(16,0)
.63
(16,0)
1.75
(44,5)
N/A
31122
4 AWG
1/2
(12)
Grey
.250
(6,4)
.340
(8,6)
4.19
(106,4)
1.07
(27,2)
3.00
(76,2)
.63
(16,0)
.63
(16,0)
1.75
(44,5)
N/A
31125
2 AWG
1/2
(12)
Brown
.310
(7,9)
.420
(10,7)
4.85
(123,2)
1.25
(31,8)
3.00
(76,2)
.63
(16,0)
.63
(16,0)
1.75
(44,5)
N/A
31129
1 AWG
1/2
(12)
Green
.360
(9,1)
.460
(11,7)
4.85
(123,2)
1.25
(31,8)
3.00
(76,2)
.69
(17,5)
.63
(16,0)
1.75
(44,5)
N/A
31130
1/0 AWG
1/2
(12)
Pink
.390
(9,9)
.510
(13,0)
4.98
(126,5)
1.38
(35,0)
3.00
(76,2)
.80
(20,3)
.63
(16,0)
1.75
(44,5)
N/A
31137
2/0 AWG
1/2
(12)
Black
.441
(11,2)
.560
(14,2)
5.03
(127,8)
1.45
(36,8)
3.00
(76,2)
.81
(20,6)
.63
(16,0)
1.75
(44,5)
N/A
31141
3/0 AWG
1/2
(12)
Orange
.490
(12,4)
.617
(15,7)
5.13
(130,3)
1.44
(36,6)
3.00
(76,2)
.91
(23,1)
.63
(16,0)
1.75
(44,5)
N/A
31145
4/0 AWG
1/2
(12)
Purple
.548
(13,9)
.687
(17,4)
5.16
(131,1)
1.56
(39,6)
3.00
(76,2)
1.00
(25,4)
.63
(16,0)
1.75
(44,5)
UL, CSA
31149
250 kcmil
1/2
(12)
Yellow
.595
(15,1)
.750
(19,1)
5.31
(134,9)
1.56
(39,6)
3.00
(76,2)
1.13
(28,7)
.63
(16,0)
1.75
(44,5)
UL, CSA
31153
300 kcmil
1/2
(12)
White
.650
(16,5)
.813
(20,7)
5.75
(146,1)
1.94
(49,2)
3.00
(76,2)
1.22
(31,0)
.63
(16,0)
1.75
(44,5)
UL, CSA
31156
350 kcmil
1/2
(12)
Red
.700
(17,8)
.875
(22,2)
5.75
(146,1)
1.94
(49,2)
3.00
(76,2)
1.31
(33,3)
.63
(16,0)
1.75
(44,5)
UL, CSA
31160
400 kcmil
1/2
(12)
Blue
.762
(19,4)
.950
(24,1)
6.00
(152,4)
2.12
(53,8)
3.00
(76,2)
1.41
(35,8)
.63
(16,0)
1.75
(44,5)
UL
31166
500 kcmil
1/2
(12)
Brown
.836
(21,2)
1.059
(26,9)
6.16
(156,5)
2.19
(55,6)
3.00
(76,2)
1.53
(38,9)
.63
(16,0)
1.75
(44,5)
UL, CSA
31168
600 kcmil
1/2
(12)
Green
.923
(23,4)
1.188
(30,2)
6.72
(170,6)
2.62
(66,5)
3.00
(76,2)
1.69
(42,9)
.63
(16,0)
1.75
(44,5)
UL
31172
750 kcmil
1/2
(12)
Black
1.031
(26,2)
1.299
(33,0)
7.00
(177,8)
2.81
(71,4)
3.00
(76,2)
1.72
(43,7)
.63
(16,0)
1.75
(44,5)
UL, CSA
31178
1000 kcmil
1/2
(12)
White
1.173
(29,8)
1.500
(38,1)
7.28
(184,9)
2.94
(74,6)
3.00
(76,2)
1.72
(43,7)
.63
(16,0)
1.75
(44,5)
UL, CSA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com