Electronic Components Datasheet Search
  English  ▼

X  

30000 Datasheet(PDF) 2 Page - 3M Electronics

Part # 30000
Description  3M Scotchlok Copper Compression Lugs,
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

30000 Datasheet(HTML) 2 Page - 3M Electronics

  30000 Datasheet HTML 1Page - 3M Electronics 30000 Datasheet HTML 2Page - 3M Electronics 30000 Datasheet HTML 3Page - 3M Electronics 30000 Datasheet HTML 4Page - 3M Electronics 30000 Datasheet HTML 5Page - 3M Electronics 30000 Datasheet HTML 6Page - 3M Electronics 30000 Datasheet HTML 7Page - 3M Electronics 30000 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3M™ Scotchlok™ Copper Compression Lugs, 30000 and 31000 Series
2 of 8
One-Hole, Standard-Barrel Lug Dimensions and Selection Guide [Dimensions in Inches and (Millimeters)]
NOTE: All listed lugs in this table are UL Listed and CSA Certified
3M™
Scotchlok™
Lug Number
Conductor
Size AWG
Stud
Size
Color
Code
I.D.,
+/- .010”
O.D.,
+/- .010”
L,
Length,
+/- .100”
B,
Barrel
Length,
+/- .060”
P,
Pad
Length,
+/- .060”
W,
Pad Width,
+/- .060”
C,
Center of
Hole-to-End
of Pad,
+/- .030”
30014
6 AWG
#10
(5)
Blue
.196
(5,0)
.290
(7,4)
1.78
(45,2)
.86
(21,8)
.75
(19,1)
.435
(11,0)
.375
(9,5)
30015
6 AWG
1/4
(6)
Blue
.196
(5,0)
.290
(7,4)
1.78
(45,2)
.86
(21,8)
.75
(19,1)
.435
(11,0)
.375
(9,5)
30016
6 AWG
5/16
(8)
Blue
.196
(5,0)
.290
(7,4)
1.78
(45,2)
.86
(21,8)
.75
(19,1)
.50
(12,7)
.375
(9,5)
30018
4 AWG
#10
(5)
Gray
.247
(6,3)
.340
(8,6)
1.94
(49,3)
.75
(19,1)
.89
(22,6)
.485
(12,3)
.375
(9,5)
30019
4 AWG
1/4
(6)
Gray
.247
(6,3)
.340
(8,6)
1.94
(49,3)
.75
(19,1)
.89
(22,6)
.485
(12,3)
.375
(9,5)
30021
4 AWG
3/8
(10)
Gray
.247
(6,3)
.340
(8,6)
1.94
(49,3)
.75
(19,1)
.89
(22,6)
.59
(15,1)
.375
(9,5)
30022
2 AWG
1/4
(6)
Brown
.307
(7,8)
.416
(10,6)
1.97
(50,0)
.81
(20,7)
.89
(22,6)
.63
(15,9)
.375
(9,5)
30023
2 AWG
5/16
(8)
Brown
.307
(7,8)
.416
(10,6)
1.97
(50,0)
.81
(20,7)
.89
(22,6)
.63
(15,9)
.375
(9,5)
30024
2 AWG
3/8
(10)
Brown
.307
(7,8)
.416
(10,6)
1.97
(50,0)
.81
(20,7)
.89
(22,6)
.63
(15,9)
.375
(9,5)
30027
1 AWG
5/16
(8)
Green
.358
(9,1)
.462
(11,7)
1.97
(50,0)
.81
(20,7)
.75
(19,1)
.69
(17,5)
.375
(9,5)
30028
1 AWG
3/8
(10)
Green
.358
(9,1)
.462
(11,7)
1.97
(50,0)
.81
(20,7)
.75
(19,1)
.69
(17,5)
.375
(9,5)
30031
1/0 AWG
5/16
(8)
Pink
.394
(10,0)
.512
(13,0)
2.16
(54,9)
.81
(20,7)
.89
(22,6)
.75
(19,1)
.375
(9,5)
30032
1/0 AWG
3/8
(10)
Pink
.394
(10,0)
.512
(13,0)
2.16
(54,9)
.81
(20,7)
.89
(22,6)
.75
(19,1)
.375
(9,5)
30036
2/0 AWG
3/8
(10)
Black
.439
(11,2)
.560
(14,2)
2.37
(60,2)
.87
(22,2)
1.11
(28,2)
.81
(20,7)
.375
(9,5)
30041
3/0 AWG
1/2
(12)
Orange
.490
(12,4)
.617
(15,7)
2.63
(66,8)
.94
(23,8)
1.11
(28,2)
.91
(23,0)
.531
(13,5)
30045
4/0 AWG
1/2
(12)
Purple
.548
(13,9)
.687
(17,4)
2.60
(65,9)
.97
(24,6)
1.11
(28,2)
1.00
(25,4)
.531
(13,5)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com