Electronic Components Datasheet Search
  English  ▼

X  

30000 Datasheet(PDF) 3 Page - 3M Electronics

Part # 30000
Description  3M Scotchlok Copper Compression Lugs,
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

30000 Datasheet(HTML) 3 Page - 3M Electronics

  30000 Datasheet HTML 1Page - 3M Electronics 30000 Datasheet HTML 2Page - 3M Electronics 30000 Datasheet HTML 3Page - 3M Electronics 30000 Datasheet HTML 4Page - 3M Electronics 30000 Datasheet HTML 5Page - 3M Electronics 30000 Datasheet HTML 6Page - 3M Electronics 30000 Datasheet HTML 7Page - 3M Electronics 30000 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3M™ Scotchlok™ Copper Compression Lugs, 30000 and 31000 Series
3 of 8
One Hole, Long-Barrel Lug Dimensions and Selection Guide [Dimensions in Inches and (Millimeters)]
3M™
Scotchlok™
Lug
Number
Conductor
Size AWG or
kcmil (MCM)
Stud
Size
Color
Code
I.D.,
+/- .010”
O.D.,
+/- .010”
L,
Length,
+/- .100”
B,
Barrel
Length,
+/- .060”
P,
Pad
Length,
+/- .060”
W,
Pad Width,
+/- .060”
C,
Center of
Hole-to-
End of Pad,
+/- .030”
Agency
Approvals
31023
2 AWG
5/16
(8)
Brown
.307
(7,8)
.416
(10,6)
2.32
(58,9)
1.16
(29,5)
.89
(22,6)
.63
(16,0)
.380
(9,7)
UL
31027
1 AWG
5/16
(8)
Green
.358
(9,1)
.462
(11,7)
2.50
(63,5)
1.34
(34,0)
.75
(19,1)
.69
(17,5)
.380
(9,7)
UL
31032
1/0 AWG
3/8
(10)
Pink
.394
(10,0)
.512
(13,0)
2.84
(72,1)
1.49
(37,8)
.89
(22,6)
.75
(19,1)
.375
(9,5)
UL
31036
2/0 AWG
3/8
(10)
Black
.439
(11,2)
.560
(14,2)
2.84
(72,1)
1.44
(36,5)
.89
(22,6)
.810
(20,6)
.375
(9,5)
UL, CSA
31041
3/0 AWG
1/2
(12)
Orange
.490
(12,4)
.617
(15,7)
3.13
(79,5)
1.44
(36,5)
1.11
(28,2)
.910
(23,1)
.531
(13,5)
UL, CSA
31045
4/0 AWG
1/2
(12)
Purple
.548
(13,9)
.687
(17,4)
3.32
(84,4)
1.56
(39,7)
1.11
(28,2)
1.00
(25,4)
.531
(13,5)
UL, CSA
31049
250 kcmil
1/2
(12)
Yellow
.595
(15,1)
.750
(19,1)
3.38
(85,9)
1.50
(38,0)
1.11
(28,2)
1.11
(28,2)
.531
(13,5)
UL, CSA
31053
300 kcmil
1/2
(12)
White
.650
(16,5)
.813
(20,6)
3.78
(96,0)
1.94
(49,2)
1.11
(28,2)
1.22
(31,3)
.531
(13,5)
UL, CSA
31056
350 kcmil
1/2
(12)
Red
.700
(17,8)
.875
(22,2)
3.84
(97,5)
1.94
(49,2)
1.11
(28,2)
1.27
(32,3)
.531
(13,5)
UL, CSA
31060
400 kcmil
1/2
(12)
Blue
.762
(19,3)
.950
(24,1)
4.16
(105,7)
2.00
(50,8)
1.34
(34,2)
1.41
(35,8)
.66
(16,8)
UL
31066
500 kcmil
1/2
(12)
Brown
.836
(21,3)
1.059
(26,9)
4.50
(114,3)
2.19
(55,6)
1.34
(34,2)
1.53
(38,9)
.66
(16,8)
UL, CSA
31067
500 kcmil
5/8
(16)
Brown
.836
(21,3)
1.059
(26,9)
4.50
(114,3)
2.19
(55,6)
1.34
(34,2)
1.53
(38,9)
.66
(16,8)
UL, CSA
31068
600 kcmil
1/2
(12)
Green
.923
(23,4)
1.188
(30,2)
5.12
(130,0)
2.60
(66,0)
1.75
(44,5)
1.69
(42,9)
.88
(22,4)
UL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com