Electronic Components Datasheet Search
  English  ▼

X  

10000 Datasheet(PDF) 1 Page - 3M Electronics

Part # 10000
Description  3M™ Scotchlok™ Copper Compression Connectors,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

10000 Datasheet(HTML) 1 Page - 3M Electronics

  10000 Datasheet HTML 1Page - 3M Electronics 10000 Datasheet HTML 2Page - 3M Electronics 10000 Datasheet HTML 3Page - 3M Electronics 10000 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
3
3M™ Scotchlok™
Copper Compression
Connectors, 10000
and 11000 Series
Data Sheet
January 2014
Description
3M™ Scotchlok™ Copper Compression Connectors, 10000 Series are one-piece,
standard-barrel, seamless copper connectors and are designed to cover a wide range
of conductor sizes from 6 AWG through 1000 kcmil (MCM). The 11000 Series are one-
piece, seamless, long-barrel copper connectors and are designed to cover a range of
conductor sizes from 2/0 AWG through 1000 kcmil (MCM). They are designed to
connect copper conductors. Each connector is electro-tin plated to resist electrolytic
corrosion. They are installed using standard industry tooling. Chamfered ends and an
integral center cable stop ensure simplicity and ease of conductor insertion.
Agency Approvals
and Self
Certifications
UL Listed, UL Standard 486A-486B, File No. E23438
CSA Certified, File No. 015503
Features
Simple installation using readily available tools
Integral center cable stop
Manufactured using tin-plated copper
Color coded printing for easy connector identification
Applications
Standard-Barrel: To connect copper conductors from 6 AWG through 1000 kcmil
(MCM)
Long-Barrel: To connect copper conductors from 2/0 AWG through 1000 kcmil
(MCM)
For low and medium voltage up to 35 kV
For indoor and outdoor use
Typical Properties
Not for specifications. Values are typical, not to be considered minimum or maximum.
Properties measured at room temperature 73°F (23°C) unless otherwise stated.
The 10000 and 11000 Series connectors, when crimped with approved die sets, can be
used on cables with an operating temperature of 221
oF (105oC) and an emergency
overload rating of 284
oF (140oC). The connectors pass the requirements of UL486A
(Underwriters Laboratories standard for safety) and are CSA Certified. The current
rating of these connectors meets or exceeds the current rating of the conductor size for
which it is intended.


Similar Part No. - 10000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10000 ETC2-10000 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
logo
Norgren Ltd
10000 NORGREN-10000 Datasheet
8Mb / 18P
PNEUFIT 10 series Push-in fittings
03/23
logo
Heyco.
10000 HEYCO-10000 Datasheet
111Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Festo Corporation.
10000 FESTO-10000 Datasheet
67Kb / 1P
Indicating insert
logo
Bulgin Limited. All rig...
10000 BULGINLIMITED-10000 Datasheet
2Mb / 7P
Rectangular Power Connectors
More results

Similar Description - 10000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
30000 3M-30000 Datasheet
234Kb / 8P
3M Scotchlok Copper Compression Lugs,
Rev E
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
103XX-52F0-008 3M-103XX-52F0-008 Datasheet
999Kb / 5P
3M™ Mini D Ribbon (MDR) Connectors
April 10, 2008
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
103 3M-103 Datasheet
1Mb / 4P
3M™ Mini D Ribbon (MDR) Connectors
October 17, 2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com