Electronic Components Datasheet Search
  English  ▼

X  

10000 Datasheet(PDF) 2 Page - 3M Electronics

Part # 10000
Description  3M™ Scotchlok™ Copper Compression Connectors,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

10000 Datasheet(HTML) 2 Page - 3M Electronics

  10000 Datasheet HTML 1Page - 3M Electronics 10000 Datasheet HTML 2Page - 3M Electronics 10000 Datasheet HTML 3Page - 3M Electronics 10000 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Scotchlok™ Copper Compression Connectors, 10000 and 11000 Series
2 of 4
Standard-Barrel Connector Dimensions and Selection Guide
Note: All listed connectors are UL Listed and CSA certified.
3M™
Scotchlok™
Connector
Conductor Size
AWG or kcmil (MCM)
Color Code
Length
inches (mm)
±.060”
I.D.
inches (mm)
±.010”
O.D.
inches (mm)
±.010”
10001
6 AWG
Blue
1.75 (44,5)
.196 (5,00)
.290
(7,4)
10002
4 AWG
Gray
1.75 (44,5)
.247 (6,25)
.340
(8,6)
10003
2 AWG
Brown
1.88 (47,7)
.307 (7,8)
.416 (10,6)
10004
1 AWG
Green
1.88 (47,7)
.358 (9,1)
.462 (11,7)
10005
1/0 AWG
Pink
1.88 (47,7)
.394 (10,0)
.512 (13,0)
10006
2/0 AWG
Black
2.00 (50,8)
.439 (11,2)
.560 (14,2)
10007
3/0 AWG
Orange
2.13 (54,0)
.490 (12,4)
.617 (15,7)
10008
4/0 AWG
Purple
2.13 (54,0)
.548 (13,9)
.687 (17,4)
10009
250 kcmil
Yellow
2.25 (57,2)
.595 (15,1)
.750 (19,1)
10010
300 kcmil
White
2.25 (57,2)
.650 (16,5)
.813 (20,7)
10011
350 kcmil
Red
2.38 (60,4)
.700 (17,8)
.875 (22,2)
10014
500 kcmil
Brown
2.88 (73,1)
.836 (21,2)
1.059 (26,9)
10019
750 kcmil
Black
3.38 (85,8)
1.031 (26,2)
1.299 (33,0)
10024
1000 kcmil
White
3.88 (98,5)
1.173 (29,8)
1.50
(38,1)
Long-Barrel Connector Dimensions and Selection Guide
Note: All listed connectors are UL Listed and CSA certified.
3M™
Scotchlok™
Connector
Conductor Size
AWG or kcmil (MCM)
Color Code
Length
inches (mm)
±.060”
I.D.
inches (mm)
±.010”
O.D.
inches (mm)
±.010”
11006
2/0 AWG
Black
3.13 (79,4)
.439 (11,2)
.560 (14,2)
11007
3/0 AWG
Orange
3.13 (79,4)
.490 (12,4)
.617 (15,7)
11008
4/0 AWG
Purple
3.38 (85,8)
.548 (13,9)
.687 (17,4)
11009
250 kcmil
Yellow
3.38 (85,8)
.595 (15,1)
.750 (19,1)
11010
300 kcmil
White
4.13 (104,8)
.650 (16,5)
.813 (20,7)
11011
350 kcmil
Red
4.13 (104,8)
.700 (17,8)
.875 (22,2)
11014
500 kcmil
Brown
4.63 (117,5)
.836 (21,2)
1.059 (26,9)
11019
750 kcmil
Black
5.88 (149,3)
1.031 (26,2)
1.299 (33,0)
11024
1000 kcmil
White
6.13 (155,6)
1.173 (29,8)
1.50
(38,1)
Tool/Installation
Information
3M™ Scotchlok™ Copper Compression Connectors, 10000 and 11000 Series shall
be crimped with one of the approved die sets according to the engineering
information supplied with the connectors. (Also see Crimping Tool-Die Sets tables
below)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com