Electronic Components Datasheet Search
  English  ▼

X  

10000 Datasheet(PDF) 3 Page - 3M Electronics

Part # 10000
Description  3M™ Scotchlok™ Copper Compression Connectors,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

10000 Datasheet(HTML) 3 Page - 3M Electronics

  10000 Datasheet HTML 1Page - 3M Electronics 10000 Datasheet HTML 2Page - 3M Electronics 10000 Datasheet HTML 3Page - 3M Electronics 10000 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M™ Scotchlok™ Copper Compression Connectors, 10000 and 11000 Series
3 of 4
Crimping Tool Recommendations
Standard-Barrel Connector Crimping Tool – Die Sets (Minimum # of Crimps / End)
3M™
Scotchlok™
Connector
Conductor
Size
AWG or
kcmil (MCM)
Burndy Corporation
Thomas & Betts Corporation
Square D Co.
Anderson Div.
MD6
MY29
Y34A
Y35, Y39,
Y45*, Y46*
TBM5
TBM 8
TBM15
VC6-3,
VC6-FT**
10001
6 AWG
-------
6 AWG (1)
-------
U5CRT (1)
Blue (1)
Blue (1)
--- ---
(1)
10002
4 AWG
W161 (1)
4 AWG (1)
A4CR (1)
U4CRT (1)
Gray (1)
Gray (1)
-------
(1)
10003
2 AWG
W162 (2)
2 AWG (1)
A2CR (1)
U2CRT (2)
Brown (1)
Brown (1)
33 (1)
(2)
10004
1 AWG
-------
1 AWG (1)
A1CR (1)
U1CRT (2)
Green (1)
Green (1)
37 (1)
(2)
10005
1/0 AWG
W163 (2)
1/0 (1)
A25R (1)
U25RT (1)
Pink (2)
Pink (2)
42 (2)
(1)
10006
2/0 AWG
W241 (2)
2/0 (1)
A26R (1)
U26RT (2)
Black (2)
Black (2)
45 (1)
(1)
10007
3/0 AWG
W243 (2)
3/0 (1)
A27R (1)
U27RT (2)
Orange (2) Orange (2)
50 (1)
(1)
10008
4/0 AWG
BG (3)
4/0 (1)
A28R (2)
U28RT (2)
Purple (2)
Purple (2)
54H (2)
(2)
10009
250 kcmil
W166 (3)
250 (1)
A29R (2)
U29RT (2)
Yellow (2)
Yellow (2)
62 (2)
(2)
10010
300 kcmil
-------
-------
A30R (2)
U30RT (2)
--------
White (2)
66 (2)
(2)
10011
350 kcmil
-------
-------
A31R (2)
U31RT (2)
-------
Red (3)
71H (3)
-------
10014
500 kcmil
-------
-------
A34R (2)
U34RT (2)
-------
Brown (3)
87H (3)
-------
10019
750 kcmil
-------
-------
-------
Y39, Y45, Y46:
U39RT (3)
-------
-------
106H (3)
-------
10024
1000 kcmil
-------
-------
-------
Y45: S44RT (4)
Y46: P44RT (4)
-------
-------
125H (3)
-------
* Y45 and Y46 accept all Y35 dies (“U” series). For Y45 use PT6515 adapter. For Y46 use PUADP adapter.
** Anderson VC6-3 and VC6-FT require no die set.
Long-Barrel Connector Crimping Tool – Die Sets (Minimum # of Crimps / End)
3M™
Scotchlok™
Connector
Conductor
Size
AWG or
kcmil (MCM)
Burndy Corporation
Thomas & Betts Corporation
Square D Co.
Anderson Div.
MD6
MY29
Y34A
Y35, Y39,
Y45*, Y46*
TBM5
TBM 8
TBM15
VC6-3,
VC6-FT**
11006
2/0 AWG
W241 (3)
2/0 (2)
A26R (2)
U26RT (3)
Black (3)
Black (3)
45 (2)
(2)
11007
3/0 AWG
W243 (3)
3/0 (2)
A27R (2)
U27RT (3)
Orange (3) Orange (3)
50 (2)
(2)
11008
4/0 AWG
BG (4)
4/0 (2)
A28R (3)
U28RT (3)
Purple (3)
Purple (3)
54H (3)
(3)
11009
250 kcmil
W166 (4)
250 (2)
A29R (3)
U29RT (3)
Yellow (3)
Yellow (3)
62 (3)
(3)
11010
300 kcmil
-------
-------
A30R (3)
U30RT (3)
--------
White (3)
66 (3)
(3)
11011
350 kcmil
-------
-------
A31R (3)
U31RT (3)
-------
Red (4)
71H (4)
-------
11014
500 kcmil
-------
-------
A34R (4)
U34RT (3)
-------
Brown (4)
87H (4)
-------
11019
750 kcmil
-------
-------
-------
Y39, Y45, Y46:
U39RT (5)
-------
-------
106H (4)
-------
11024
1000 kcmil
-------
-------
-------
Y45: S44RT (6)
Y46: P44RT (6)
-------
-------
125H (4)
-------
* Y45 and Y46 accept all Y35 dies (“U” series). For Y45 use PT6515 adapter. For Y46 use PUADP adapter.
** Anderson VC6-3 and VC6-FT require no die set.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com