Electronic Components Datasheet Search
  English  ▼

X  

649 Datasheet(PDF) 1 Page - 3M Electronics

Part # 649
Description  3M??Novec??649 Engineered Fluid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

649 Datasheet(HTML) 1 Page - 3M Electronics

  649 Datasheet HTML 1Page - 3M Electronics 649 Datasheet HTML 2Page - 3M Electronics 649 Datasheet HTML 3Page - 3M Electronics 649 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
Introduction
3M™ Novec™ 649 Engineered Fluid is a clear, colorless and low odor fluid, one in a line of 3M products designed as
replacements for ozone depleting substances (ODSs) and compounds with high global warming potentials (GWPs)
such as sulfur hexafluoride (SF6) and hydrofluorocarbons (HFCs), such as HFC-134a and HFC 245fa.
3M Novec 649 Engineered Fluid is an advanced heat transfer fluid, balancing customer needs for physical, thermal
and electrical properties, with desirable environmental properties.
Typical Applications
Novec 649 fluid is an effective heat transfer fluid with a boiling point of 49ºC. Novec 649 fluid is useful in heat
transfer particularly where non-flammability or environmental factors are a consideration.
Examples of systems which benefit from use Novec 649 fluid include:
3M™ Novec™ 649 Engineered Fluid
Composition of 3M™ Novec™ 649 Fluid
Dodecafluoro-2-methylpentan-3-one
99.0 mole %, minimum
Chemical Formula
CF3CF2C(O)CF(CF3)2
3M™ Novec™ 649 Fluid
Boiling Point(°C)
49
Pour Point (°C)
-108
Molecular Weight (g/mol)
316
Critical Temperature (°C)
169
Critical Pressure (MPa)
1.88
Vapor Pressure (kPa)
40
Heat of Vaporization (kJ/kg)
88
Liquid Density (kg/m3)
1600
Coefficient of Expansion (K-1)
0.0018
Kinematic Viscosity (cSt)
0.40
Absolute Viscosity (cP)
0.64
Specific Heat (J/kg-K)
1103
Thermal Conductivity (W/m-K)
0.059
Surface Tension (mN/m)
10.8
Solubility of Water in Fluid (ppm by wt)
20
Dielectric Strength, 0.1" gap (kV)
>40
Dielectric Constant @ 1kHz
1.8
Volume Resistivity (Ohm-cm)
1012
Global Warming Potential (GWP)
1
Typical Physical Properties
Properties Description
• Organic Rankine Cycle
- Diesel Engines
- Generators
- Geothermal Applications
- Solar Applications
• Electronics Cooling (Single or Dual Phase)
- Power Electronics such as IGBTs or inverters
- Transformers and other equipment (SF6 replacement)
• Computer/Data Center Cooling
Product Information


Similar Part No. - 649

ManufacturerPart #DatasheetDescription
logo
Littelfuse
649 LITTELFUSE-649 Datasheet
94Kb / 1P
MINIATURE FUSEHOLDERS
649 LITTELFUSE-649 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
List of Unclassifed Man...
649.S ETC2-649.S Datasheet
3Mb / 4P
General Purpose Tweezers
649.SA ETC2-649.SA Datasheet
3Mb / 4P
General Purpose Tweezers
logo
IDEAL-TEK SA
649.SA IDEAL-TEK-649.SA Datasheet
627Kb / 1P
General Purpose Tweezers
REV.00 - 10.01.2023
More results

Similar Description - 649

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7700 3M-7700 Datasheet
177Kb / 8P
3M™ Novec™ 7700 Engineered Fluid
7500 3M-7500 Datasheet
305Kb / 8P
3M™ Novec™ 7500 Engineered Fluid
7300 3M-7300 Datasheet
166Kb / 4P
3M™ Novec™ 7300 Engineered Fluid
7200DL 3M-7200DL Datasheet
169Kb / 4P
3M™ Novec™ 7200DL Engineered Fluid
7200 3M-7200 Datasheet
167Kb / 4P
3M™ Novec™ 7200 Engineered Fluid
73DE 3M-73DE Datasheet
467Kb / 4P
3M™ Novec™ 73DE Engineered Fluid
May-2016
72FL 3M-72FL Datasheet
133Kb / 2P
3M™ Novec™ 72FL Engineered Fluid
72DE 3M-72DE Datasheet
157Kb / 4P
3M™ Novec™ 72DE Engineered Fluid
72DA 3M-72DA Datasheet
156Kb / 4P
3M™ Novec™ 72DA Engineered Fluid
71DE 3M-71DE Datasheet
82Kb / 4P
3M™ Novec™ 71DE Engineered Fluid
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com