Electronic Components Datasheet Search
  English  ▼

X  

649 Datasheet(PDF) 2 Page - 3M Electronics

Part # 649
Description  3M Novec 649 Engineered Fluid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

649 Datasheet(HTML) 2 Page - 3M Electronics

  649 Datasheet HTML 1Page - 3M Electronics 649 Datasheet HTML 2Page - 3M Electronics 649 Datasheet HTML 3Page - 3M Electronics 649 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
3M™ Novec™ 649 Engineered Fluid
2000
1950
1900
1850
1800
1750
1700
1650
1600
1550
-100
-80
-60
-40
-20
0
20
40
60
Novec 649 Liquid Density
Temperature (°C)
Temperature (°C)
0.09
0.08
0.07
0.06
0.05
-100
-80
-60
-40
-20
0
20
40
Liquid Density (kg/m3) = 1674.4 - 2.904T(°C)
Novec 649 Fluid Viscosity vs. Temperature
Liquid Thermal Conductivity (Wm-K) = 0.063403 - 0.000188 T(°C)
Liquid Specific Heat (J/kg-K) = 1091.9 + 0.3419 T(°C) + 0.0039T2
Vapor Pressure In(P[Pa]) =-3545.3/T(K) + 22.492
Not for
specification
purposes.
-100 -90
-110
40
20
10
8
6
5
4
3
2.5
2
1.75
1.5
1.25
1
.9
.8
.7
.6
.5
.45
.4
.35
.3
.28
-80 -70 -60 -50 -40 -30 -20
10
-10 0
20 30 40 50
Temperature (°C)
Thermophysical Properties



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com