Electronic Components Datasheet Search
  English  ▼

X  

649 Datasheet(PDF) 3 Page - 3M Electronics

Part # 649
Description  3M Novec 649 Engineered Fluid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

649 Datasheet(HTML) 3 Page - 3M Electronics

  649 Datasheet HTML 1Page - 3M Electronics 649 Datasheet HTML 2Page - 3M Electronics 649 Datasheet HTML 3Page - 3M Electronics 649 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Features
The environmental profile, margin of safety, low viscosity, high molecular weight, low pour point and heat
transfer performance of 3M™ Novec™ 649 Engineered Fluid make it an ideal candidate for a variety of heat
transfer applications.
Novec 649 fluid is compatible with a wide range of materials of construction and requires no special piping or
handling systems, and is very stable in storage. Its high dielectric constant makes it safe for direct contact in
most electronics/computing applications.
Physical Properties
Properties
3M™ Novec™ 649 Fluid
SF6
HFC-245fa
HFC-134a
Ozone Depletion Potential (ODP)1
0.0
0.0
0.0
0.0
Global Warming Potential2
1
23900
1030
1,300
Atmospheric Lifetime (years)
0.014
3200
7.6
140
1
World Meteorological Organization (WMO) 1998, Model-Derived Method.
2
Intergovernmental Panel on Climate Change (IPCC) 2007 Method, 100 Year ITH.
Stability
Novec 649 fluid should be used in a sealed system to prevent interaction with water. Fluoroketones like Novec 649
fluid, though reactive with liquid water (ie. a separate water phase), are remarkably stable in its absence to over
300°C. 3M’s applications engineers are available to discuss system design and trade-offs for Novec 649 fluid vs.
alternative heat transfer fluids or solutions.
Environmental, Health and Safety
Studies by a third party laboratory (Massachusetts Institute of Technology) have shown that Novec 649 fluid has an
estimated atmospheric lifetime of five days due to photolysis in sunlight.1
The potential for Novec 649 fluid to impact the radiative balance in the atmosphere (i.e., climate change) is limited
by this very short atmospheric lifetime. [Using a measured IR cross-section and the method of Pinnock et.al., the
instantaneous radiative forcing for Novec 649 fluid is calculated to be 0.50 Wm-2ppbV-1.] This radiative forcing
and a 5-day atmospheric lifetime result in a GWP value of about 1 [using the WMO 1999 method over a 100-year
integration time horizon].
The photolysis of Novec 649 fluid is expected to rapidly produce fluorinated alkyl radicals similar to those produced
by other fluorochemicals. Studies of the atmospheric chemistry of these radical species and their degradation
products have concluded that they have no impact on stratospheric ozone. This combined with its very short
atmospheric lifetime, leads to the conclusion that Novec 649 fluid has an ozone depletion of zero.1
Before using this product, please read the current product Material Safety Data Sheet (available online or through
your 3M sales or technical service representative) and the precautions and directions for use on the product package.
Follow all applicable precautions and directions for use.
1
N. Taniguchi, T.J. Wallington, M.D. Hurley, A.G. Guschin, L.T. Molina and M.J. Molina, Atmospheric Chemistry of C2F5C(O)CF(CF3)2:
Photolysis and Reaction with Cl Atoms, OH Radicals and Ozone. J Phys Chem A, 2003, 107, 2674 – 2679.
Toxicity Profile
3M carefully characterizes the toxicity of new materials early in the product development process. These early
studies and the subsequent studies conducted by independent laboratories indicate that Novec 649 fluid is very low
in both acute and repeat dose toxicity. The No Observed Adverse Effect Level (NOAEL) for all endpoints of acute
toxicity is 10% (100,000 ppmV) based on a cardiac sensitization study and a 4-hour acute inhalation study. The
8-hour time weighed average (TWA) exposure guideline for Novec 649 fluid is 150 ppmV. On this basis, foreseeable
use under normal operating conditions results in a large margin of safety between anticipated exposure and the
exposure guideline.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com