Electronic Components Datasheet Search
  English  ▼

X  

F2977 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F2977
Description  High Linearity Broadband SP2T 30MHz to 6GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2977 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F2977 Datasheet HTML 1Page - Renesas Technology Corp F2977 Datasheet HTML 2Page - Renesas Technology Corp F2977 Datasheet HTML 3Page - Renesas Technology Corp F2977 Datasheet HTML 4Page - Renesas Technology Corp F2977 Datasheet HTML 5Page - Renesas Technology Corp F2977 Datasheet HTML 6Page - Renesas Technology Corp F2977 Datasheet HTML 7Page - Renesas Technology Corp F2977 Datasheet HTML 8Page - Renesas Technology Corp F2977 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
F2977 Datasheet
© 2017 Integrated Device Technology, Inc.
5
Rev O May 19, 2017
General Specifications
Table 4.
General Specifications
See F2977 Typical Application Circuit. Specifications apply when operated with VCC = +3.3V, TEP = +25°C, EN = HIGH, single tone signal
applied at RF1 or RF2 and measured at RFC, unless otherwise noted.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Logic Input HIGH Threshold
VIH
VCTL, EN pins
1.17 [b]
Lower of
(VCC, 3.6)
V
Logic Input LOW Threshold
VIL
VCTL, EN pins
-0.3
0.6
V
Logic Current
IIH, IIL
VCTL, EN pins (each pin)
-10 [a]
+10
A
DC Current (VCC)
ICC
Normal Operation
80
150
A
Standby (EN = LOW)
20
35
Switching Rate
SWRATE
25
kHz
Startup Time
TSTRTUP
From Standby
State, 50% EN
to 90% RF
No Change
in RF Path
1.0
s
Change in
RF Path
1.6
Maximum Video Feed-Through,
RFC Port
VIDFT
Peak transient during
switching. ZS = ZL = 50 .
Measured with 20ns rise time,
0V to 3.3V (3.3V to 0V)
control pulse applied to VCTL.
12
mVp-p
Switching Time [c]
SWTIME
50% VCTL to 90% or 10% RF
1.5
3
s
a. Items in min/max columns in bold italics are guaranteed by test.
b. Items in min/max columns that are not bold italics are guaranteed by design characterization.
c.
Measured at fRF = 1GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com