Electronic Components Datasheet Search
  English  ▼

X  

F2977 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F2977
Description  High Linearity Broadband SP2T 30MHz to 6GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2977 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F2977 Datasheet HTML 2Page - Renesas Technology Corp F2977 Datasheet HTML 3Page - Renesas Technology Corp F2977 Datasheet HTML 4Page - Renesas Technology Corp F2977 Datasheet HTML 5Page - Renesas Technology Corp F2977 Datasheet HTML 6Page - Renesas Technology Corp F2977 Datasheet HTML 7Page - Renesas Technology Corp F2977 Datasheet HTML 8Page - Renesas Technology Corp F2977 Datasheet HTML 9Page - Renesas Technology Corp F2977 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
F2977 Datasheet
© 2017 Integrated Device Technology, Inc.
6
Rev O May 19, 2017
Electrical Characteristics
Table 5.
Electrical Characteristics
See F2977 Typical Application Circuit. Specifications apply when operated with VCC = +3.3V, TEP = +25°C, ZS = ZL = 50 , EN = HIGH, single
tone signal applied at RF1 or RF2 and measured at RFC, EVKit trace and connector losses are de-embedded, unless otherwise noted.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Insertion Loss
(RFC to RF1, RF2)
IL
30MHz < fRF ≤ 1GHz
0.33
0.53 [b]
dB
1GHz < fRF ≤ 2GHz [c]
0.36
0.56 [a]
2GHz < fRF ≤ 3GHz
0.40
3GHz < fRF ≤ 6GHz
0.45
Isolation
(RFC to RF1, RF2)
ISO1
30MHz < fRF ≤ 1GHz
43
48
dB
1GHz < fRF ≤ 2GHz
36
42
2GHz < fRF ≤ 3GHz
31
37
3GHz < fRF ≤ 6GHz
27
Isolation
(RF1 to RF2, RF2 to RF1)
ISO2
30MHz < fRF ≤ 1GHz
40
45
dB
1GHz < fRF ≤ 2GHz
33
38
2GHz < fRF ≤ 3GHz
29
34
3GHz < fRF ≤ 6GHz
26
Return Loss (RFC, RF1, RF2)
(Insertion loss states)
RL
30MHz < fRF ≤ 1GHz
28
dB
1GHz < fRF ≤ 2GHz
26
2GHz < fRF ≤ 3GHz
26
3GHz < fRF ≤ 6GHz
25
a. Items in min/max columns in bold italics are guaranteed by test.
b. Items in min/max columns that are not bold italics are guaranteed by design characterization.
c. Minimum or maximum specification guaranteed by test at 2GHz and by design characterization over the whole
frequency range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com