Electronic Components Datasheet Search
  English  ▼

X  

F2977 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F2977
Description  High Linearity Broadband SP2T 30MHz to 6GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2977 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F2977 Datasheet HTML 1Page - Renesas Technology Corp F2977 Datasheet HTML 2Page - Renesas Technology Corp F2977 Datasheet HTML 3Page - Renesas Technology Corp F2977 Datasheet HTML 4Page - Renesas Technology Corp F2977 Datasheet HTML 5Page - Renesas Technology Corp F2977 Datasheet HTML 6Page - Renesas Technology Corp F2977 Datasheet HTML 7Page - Renesas Technology Corp F2977 Datasheet HTML 8Page - Renesas Technology Corp F2977 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
F2977 Datasheet
© 2017 Integrated Device Technology, Inc.
2
Rev O May 19, 2017
Pin Assignments
Figure 2.
Pin Assignments for 2mm x 2mm x 0.5mm 12-pin VFQFP-N, NEG12 – Top View
EN
GND
VCC
RF2
GND
RF1
GND
F2977
GND
RFC
GND
VCTL
GND
EP
Pin Descriptions
Table 1.
Pin Descriptions
Number
Name
Description
1
GND
Internally grounded. Connect pin directly to paddle ground or as close as possible to pin with thru vias.
2
RFC
RF Common Port. If this pin is not 0V DC, then an external coupling capacitor must be used.
3
GND
Internally grounded. Connect pin directly to paddle ground or as close as possible to pin with thru vias.
4
GND
Internally grounded. Connect pin directly to paddle ground or as close as possible to pin with thru vias.
5
RF1
RF1 Port. If this pin is not 0V DC, then an external coupling capacitor must be used.
6
GND
Internally grounded. Connect pin directly to paddle ground or as close as possible to pin with thru vias.
7
VCTL
Logic control pin.
8
EN
Active HIGH enable pin. If LOW, neither RF1 nor RF2 are connected to RFC. Pin is internally pulled up to
2.5V through a 500k resistor.
9
VCC
Power supply. Bypass to GND with capacitors shown in the Typical Application Circuit as close as
possible to pin.
10
GND
Internally grounded. Connect pin directly to paddle ground or as close as possible to pin with thru vias.
11
RF2
RF2 Port. If this pin is not 0V DC, then an external coupling capacitor must be used.
12
GND
Internally grounded. Connect pin directly to paddle ground or as close as possible to pin with thru vias.
EP
Exposed Pad. Internally connected to GND. Solder this exposed pad to a PCB pad that uses multiple
ground vias to provide heat transfer out of the device into the PCB ground planes. These multiple ground
vias are also required to achieve the specified RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com