Electronic Components Datasheet Search
  English  ▼

X  

FTK2301 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK2301
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2301 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK2301 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2301 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2301 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2301 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
G
D
S
SOT– 23 (TO–236AB)
●
Maximum Ratings and Thermal Characteristics (T
A = 25
oC unless otherwise noted)
Symbol
VDS
-20
VGS
± 8
ID
-2.3
IDM
-8
TA = 25
oC
0.9
TA = 75
oC
0.57
TJ, Tstg
-55 to 150
RqJC
Junction-to-Ambient Thermal Resistance (PCB mounted)
2)
RqJA
140
Note: 1. Repetitive Rating: Pulse width limited by the Maximum junction temperation
2. 1-in2 2oz Cu PCB board
3. Guaranteed by design; not subject to production testing
Continuous Drain Current
Gate-Source Voltage
Maximum Power Dissipation
Operating Junction and Storage Temperature Range
oC/W
Junction-to-Case Thermal Resistance
Parameter
V
A
W
Drain-Source Voltage
PD
Pulsed Drain Current
1)
20V P-Channel Enhancement-Mode MOSFET
Low on-resistance
RDS(ON) (VGS=4.5V, Ids=2.8A ) = 100m
Ω
RDS(ON) (VGS=2.5V, Ids=2.0A ) = 150m
Ω
●
Features
High Density Cell Design For Ultra Low On-Resistance
Fully Characterized Avalanche Voltage and Current
Improved Shoot-Through FOM
1
3
2
2012. 08. 27
1/4
SEMICONDUCTOR
TECHNICAL DATA
FTK2301
Revision No : 0
1
3
2
Limit
Unit
oC
● Ordering Information
Device
Marking
Shipping
FTK2301
01
3000/Tape&Reel
● We declare that the material of product are Halogen Free and
compliance with RoHS requirements.


Similar Part No. - FTK2301

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK2301E FS-FTK2301E Datasheet
459Kb / 5P
20V P-Channel Enhancement-Mode MOSFET
FTK2301PP FS-FTK2301PP Datasheet
566Kb / 5P
20V Dual P-Channel MOSFET
More results

Similar Description - FTK2301

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com