Electronic Components Datasheet Search
  English  ▼

X  

FTK2301 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK2301
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2301 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK2301 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2301 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2301 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2301 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2012. 08. 27
3/4
FTK2301
Revision No : 0
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-0
-2
-4
-6
-8
-10
-0
-2
-4
-6
-8
-10
0
30
60
90
120
150
-0
-2
-4
-6
-8
0
50
100
150
200
250
-0
-1
-2
-3
-4
-0
-2
-4
-6
-8
-10
-12
-14
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1E-3
-0.01
-0.1
-1
Transfer Characteristics
GATE TO SOURCE VOLTAGE
V
GS
(V)
R
DS(ON)
——
V
GS
V
GS
=-4 5V
V
GS
=-2.5V
R
DS(ON)
——
I
D
DRA N CURRENT
I
D
(A)
I
D
=-3 6A
GATE TO SOURCE VOLTAGE
V
GS
(V)
-0.3
-3E-3
-0.03
T
a
=25℃
Pulsed
T
a
=25℃
Pulsed
T
a
=25℃
Pulsed
T
a
=25℃
Pulsed
T
a
=25℃
Pulsed
Output Characteristics
V
GS
= -4.0V,-3.5V,-3.0V,-2.5V
V
GS
=-2.0V
V
GS
=-1.5V
V
GS
=-1.0V
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
I
S
——
V
SD
SOURCE TO DRA N VOLTAGE
V
SD
(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com