Electronic Components Datasheet Search
  English  ▼

X  

FTK2301 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK2301
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2301 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK2301 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2301 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2301 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2301 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Note: Pulse test: Pulse Width ≤ 300µs, Duty Cycle ≤ 2.0%.
ELECTRICAL CHARACTERISTICS
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250 µA
BVDSS
-20
–
–
V
Drain-Source On-State Resistance
RDS(ON)
-0.45
83
150
-0.95
Zero Gate Voltage Drain Current
IDSS
±100
µ
A
Forward Transconductance
Rg
-1
6.5
Ω
Qgs
Dynamic 3)
Total Gate Charge
Qgd
Gate-Source Charge
td(on)
Gate-Drain Charge
tr
Turn-On Rise Time
ns
Turn-Off Delay Time
Ciss
ns
Source-Drain Diode
Max. Diode Forward Current
IS
-2.4
Parameter
Symbol
Min
Max
Unit
Typ
2012. 08. 27
2/4
FTK2301
Revision No : 0
Turn-Off Fall Time
Input Capacitance
Output Capacitance
Diode Forward Voltage
tf
VSD
100
-1.2
pF
A
V
ns
ns
-0.8
69
Test Condition
Drain-Source On-State Resistance
Gate Threshold Voltage
Gate Body Leakage
Gate Resistance
Turn-On Delay Time
Reverse Transfer Capacitance
RDS(ON)
VGS(th)
IGSS
gfS
Qg
td(off)
Coss
Crss
VGS = -4.5V, ID = -2.8A
VDS = VGS, ID = -250 µA
VGS = -2.5V, ID = -2.0A
VDS = -9.6V, VGS = 0V
VGS = ±8V, VDS = 0V
VDS = -5V, ID = -4.0A
VDS = -6V, ID = -2.8A
VGS = -4.5V
VDD = -6V, RL = 6Ω
ID = -1A, VGEN = -4.5V
RG = 6Ω
VDS = -6V, VGS = 0V
f = 1.0MHz
IS = -0.75A, VGS = 0V
15.23
5.49
2.74
17.28
3.73
36.05
6.19
882.51
145.54
97.26
mΩ
mΩ
V
nA
S
nC
nC
nC
pF
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com