Electronic Components Datasheet Search
  English  ▼

X  

FTK3404 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK3404
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3404 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK3404 Datasheet HTML 1Page - First Silicon Co., Ltd FTK3404 Datasheet HTML 2Page - First Silicon Co., Ltd FTK3404 Datasheet HTML 3Page - First Silicon Co., Ltd FTK3404 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2015. 01. 27
4/4
FTK3404
Revision No : 0
Min
Max
Min
Max
A
0.900
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1 050
0.035
0.041
b
0.300
0 500
0.012
0.020
c
0.080
0.150
0.003
0.006
D
2.800
3 000
0.110
0.118
E
1.200
1.400
0.047
0.055
E1
2.250
2 550
0.089
0.100
e
e1
1.800
2 000
0.071
0.079
L
L1
0.300
0 500
0.012
0.020
°
8°
0°
6°
0 550 REF
0.022 REF
Symbol
Dimensions In Inches
Dimensions In Millimeters
0.950 TYP
0.037 TYP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com