Electronic Components Datasheet Search
  English  ▼

X  

FTK3404 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK3404
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3404 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK3404 Datasheet HTML 1Page - First Silicon Co., Ltd FTK3404 Datasheet HTML 2Page - First Silicon Co., Ltd FTK3404 Datasheet HTML 3Page - First Silicon Co., Ltd FTK3404 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2015. 01. 27
3/4
FTK3404
Revision No : 0
Typical Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
8
01
2
34
5
0
2
4
6
8
10
12
14
16
18
12
3
45
6
10
15
20
25
30
35
40
02
4
6
8
10
0
25
50
75
100
125
150
01
2
34
5
0
2
4
6
8
10
12
14
16
18
25
50
75
100
125
0.5
1.0
1.5
2.0
Pulsed
Pulsed
T
a
=100℃
V
SD
I
S
——
T
a
=25℃
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
V
GS
=3V
V
GS
=4V,5V,6V,8V
Output Characteristics
V
GS
=2.5V
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
T
a
=25℃
Pulsed
V
GS
=10V
V
GS
=4.5V
T
a
=25℃
Pulsed
DRAIN CURRENT
I
D
(A)
I
D
——
R
DS(ON)
T
a
=100℃
T
a
=25℃
GATE TO SOURCE VOLTAGE
V
GS
(V)
V
GS
——
R
DS(ON)
I
D
=5.8A
V
DS
=3V
Pulsed
GATE TO SOURCE VOLTAGE
V
GS
(V)
Transfer Characteristics
T
a
=100℃
T
a
=25℃
I
D
=250uA
Threshold Voltage
JUNCTION TEMPERATURE
T
j
(
)
℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com